Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLX24C64 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # SLX24C64
Description  64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C64 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button SLX24C64 Datasheet HTML 9Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 10Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 11Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 12Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 13Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 14Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 15Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 16Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
SLx 24C64
Semiconductor Group
13
Preliminary 1998-07-27
The erase/write cycle is finished latest after 8 ms. Acknowledge polling can be used for
speed enhancement in order to detect the end of the erase/write cycle. Please refer to
chapter 5.3, Acknowledge Polling for further information.
5.3
Acknowledge Polling
During the erase/write cycle the EEPROM will not respond to a new command byte until
the internal write procedure is completed. At the end of active programming the chip
returns to the standby mode and the last entered EEPROM byte remains addressed by
the address counter. To determine the end of the internal erase/write cycle acknowledge
polling can be initiated by the master by sending a START condition followed by a
command byte CSR or CSW (read with b0 = 1 or write with b0 = 0). If the internal erase/
write cycle is not completed, the device will not acknowledge the transmission. If the
internal erase/write cycle is completed, the device acknowledges the received command
byte and the protocol activities can continue.
Figure 9
Flow Chart “Acknowledge Polling”
Internal Programming
Procedure
Send Start
Send CS-Byte
from EEPROM
Acknowledge
received?
Next Operation
No
Yes
IED02131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com