Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLX24C64 Datasheet(PDF) 21 Page - Siemens Semiconductor Group

Part # SLX24C64
Description  64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C64 Datasheet(HTML) 21 Page - Siemens Semiconductor Group

Back Button SLX24C64 Datasheet HTML 17Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 18Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 19Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 20Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 21Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 22Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 23Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 24Page - Siemens Semiconductor Group SLX24C64 Datasheet HTML 25Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
SLx 24C64
Semiconductor Group
21
Preliminary 1998-07-27
31 bytes have to be identical to the bytes stored in ascending address order within the
same page.
A successful verification of each byte is indicated by the EEPROM by pulling the SDA
line to low (acknowledge ACK).
The bit programming procedure is initiated by the STOP condition after verification of the
last byte. Programming is started only if all 256 bits of a page have been verified
successfully. If bit programming has taken place, the address counter points to the
uppermost address of the respective page. The write or erase cycle is finished latest
after 4 ms. Acknowledge polling can be used for speed enhancement in order to detect
the end of the write or erase cycle (refer to chapter 5.3, Acknowledge Polling).
7.3
Protection Bit Read
The byte sequence for random bit read is shown in figure 17.
Figure 17
Byte Sequence for Protection Bit Read
The first command byte CSW followed by the address bytes AHI/ALO determine the
protection bit to be read. The second command byte CSW is followed by the control byte
00
H for protection bit read. The first bit (MSB) of the transferred byte is the protection bit
of the addressed page. The other 7 bits are not valid. The page protection status is
indicated as follows:
Protection Bit = 1: A normal write operation changes the data in the associated page
Protection Bit = 0: The data in the associated page are protected against changes.
If the master acknowledges a byte with a low state of the SDA line, the protection bit of
the next page can be read as the first bit of the following byte. If the master releases the
SDA line, a STOP condition has to complete the read procedure. Any number of bytes
with a page protection status at the first bit position can be requested by the master. After
the bit of the uppermost page has been addressed an overflow of the address counter
occurs and the protection bit of the first page will be read next.
0
0
0
000
0 0
C
K
A
C
K
A
...
IED02524
C
K
A
bbb
SS
P
O
P
S
T
S
R
T
A
T
S
R
T
A
T
b = Protection Bit
Bus Activity
SDA Line
EEPROM
Activity
Master
Bus
Byte n
Byte n+1
Command
Data
Control
Data
Byte
CSW
Byte
CTR
Address
EEPROM
Command
CSW
Byte
AHI
Address
EEPROM
ALO
C
K
A
C
K
A
C
K
AA
C
K
A
K
C
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com