Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5948APWPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5948APWPR
Description  16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5948APWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLC5948APWPR Datasheet HTML 29Page - Texas Instruments TLC5948APWPR Datasheet HTML 30Page - Texas Instruments TLC5948APWPR Datasheet HTML 31Page - Texas Instruments TLC5948APWPR Datasheet HTML 32Page - Texas Instruments TLC5948APWPR Datasheet HTML 33Page - Texas Instruments TLC5948APWPR Datasheet HTML 34Page - Texas Instruments TLC5948APWPR Datasheet HTML 35Page - Texas Instruments TLC5948APWPR Datasheet HTML 36Page - Texas Instruments TLC5948APWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
TLC5948A
www.ti.com
SBVS192 – MARCH 2012
Table 11. LOD Threshold Voltage Truth Table
LODVLT
BIT 124
BIT 123
LED OPEN DETECTION (LOD) THRESHOLD VOLTAGE
0
0
VLOD0 (0.3 V, typ)
0
1
VLOD1 (0.6 V, typ)
1
0
VLOD2 (0.9 V, typ)
1
1
VLOD3 (1.2 V, typ)
Table 12. LSD Threshold Voltage Truth Table
LSDVLT
BIT 126
BIT 125
LED SHORT DETECTION (LSD) THRESHOLD VOLTAGE
0
0
VLSD0 (0.35 × VCC, typ)
0
1
VLSD1 (0.45 × VCC, typ)
1
0
VLSD2 (0.55 × VCC, typ)
1
1
VLSD3 (0.65 × VCC, typ)
Table 13. LOD and LSD Data Latch Time Truth Table
LATTMG
BIT 128
BIT 127
LOD and LSD DATA LATCH TIMING
0
0
17th GSCLK after BLANK bit is changed to '0' or GS counter is reset.(1)
0
1
33rd GSCLK after BLANK bit is changed to '0' or GS counter is reset.(1)
1
0
65th GSCLK after BLANK bit is changed to '0' or GS counter is reset.(1)
1
1
129th GSCLK after BLANK bit is changed to '0' or GS counter is reset.(1)
(1)
When DSPRPT is '1' and IDMRPT is '0', the resulting LOD and LSD data are loaded to the LOD and LSD data latch only once after new
GS data are written into the second GS data latch.
Table 14. IDM Sink Current Truth Table
IDMCUR
BIT 132
BIT 131
INVISIBLE DETECTION MODE (IDM) SINK CURRENT
0
0
2
μA (typ)
0
1
10
μA (typ)
1
0
20
μA (typ)
1
1
1 mA (typ)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TLC5948A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com