Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5948APWPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5948APWPR
Description  16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5948APWPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLC5948APWPR Datasheet HTML 35Page - Texas Instruments TLC5948APWPR Datasheet HTML 36Page - Texas Instruments TLC5948APWPR Datasheet HTML 37Page - Texas Instruments TLC5948APWPR Datasheet HTML 38Page - Texas Instruments TLC5948APWPR Datasheet HTML 39Page - Texas Instruments TLC5948APWPR Datasheet HTML 40Page - Texas Instruments TLC5948APWPR Datasheet HTML 41Page - Texas Instruments TLC5948APWPR Datasheet HTML 42Page - Texas Instruments TLC5948APWPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
2 A, 10 A, 20
m
m
mA
or 1 mA
OUT Current for IDM
n
'0'
257-Bit Common Shift
Register Data
(Internal)
SID Loaded Into Common Shift Register
GS Data
LAT
'1'
LOD
XXXXh
LOD
XXXXh
LOD
0000h
LOD
XXXXh
LOD data are not stable immediately after OUT turn on.
n
LOD and LSD Data Latch
(Internal)
16-Bit LOD and LSD
Circuit Output Data
(Internal)
LOD and LSD Old Data
LOD
XXXXh
0 A
m
LOD/LSD
0000h
LOD
XXXXh
0 A
m
2 A, 10 A, 20
m
m
mA
LOD and LSD data latch updated with latest
data at the clock time selected by LATTMG bit.
OUT Current
for PWM Control
n
(GSDATA = FFFFh)
0 mA
0 mA
(2)
Programmed
Output Current
BLANK Bit
in Control Data Latch
(Internal)
1
2 3
5
4
16 17 18 19 20
65533 65535
65534 65536
1
2
3
5
4
LOD
XXXXh
Control Data
Unknown
'1'
TMGRST Bit
in Control Data Latch
(Internal)
(1)
Internal BLANK is generated when the LAT
signal is input because display timing reset is enabled.
Control data write
latch signal.
GS data write latch signal.
(3)
TLC5948A
www.ti.com
SBVS192 – MARCH 2012
(1) Set the current with the external resistor and DC and BC data.
(2) Select the output current with the IDMCUR bit in the control data latch.
(3) Select clock time with the LATTMG bit in the control data latch.
Figure 35. PWM Operation Timing
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TLC5948A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com