Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1157 Datasheet(PDF) 8 Page - ams AG

Part # AS1157
Description  Dual LVDS Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1157 Datasheet(HTML) 8 Page - ams AG

Back Button AS1157 Datasheet HTML 4Page - ams AG AS1157 Datasheet HTML 5Page - ams AG AS1157 Datasheet HTML 6Page - ams AG AS1157 Datasheet HTML 7Page - ams AG AS1157 Datasheet HTML 8Page - ams AG AS1157 Datasheet HTML 9Page - ams AG AS1157 Datasheet HTML 10Page - ams AG AS1157 Datasheet HTML 11Page - ams AG AS1157 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1153
Revision 1.02
8 - 16
AS1153, AS1157
Datasheet - Ty pical Operating Characteristics
Figure 14. Differential Pulse Skew vs. VCC
Figure 15. Transition Time vs. Capacitive Load
Figure 16. Transition Time vs. VCC
Figure 17. Transition Time vs. Temperature
400
600
800
1000
1200
1400
1600
10
15
20
25
30
35
40
45
50
Capacitive Load (pF)
tTHL
tTLH
0
50
100
150
200
250
300
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage(V)
300
325
350
375
400
425
450
475
-45 -30 -15
0
15
30
45 60
75
90
Temperature(°C)
340
350
360
370
380
390
400
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage(V)
tTLH
tTHL
tTHL
tTLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com