Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1157 Datasheet(PDF) 1 Page - ams AG

Part # AS1157
Description  Dual LVDS Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1157 Datasheet(HTML) 1 Page - ams AG

  AS1157 Datasheet HTML 1Page - ams AG AS1157 Datasheet HTML 2Page - ams AG AS1157 Datasheet HTML 3Page - ams AG AS1157 Datasheet HTML 4Page - ams AG AS1157 Datasheet HTML 5Page - ams AG AS1157 Datasheet HTML 6Page - ams AG AS1157 Datasheet HTML 7Page - ams AG AS1157 Datasheet HTML 8Page - ams AG AS1157 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AS1153, AS1157
Dual LVDS Receiver
www.austriamicrosystems.com/Interfaces-LVDS/AS1153
Revision 1.02
1 - 16
Datasheet
1 General Description
The AS1153, AS1157 are dual flow-through LVDS (low-voltage differ-
ential signaling) receivers which accept LVDS differential inputs and
convert them to LVCMOS outputs. The receivers are perfect for low-
power low-noise applications requiring high signaling rates and
reduced EMI emissions.
The devices are guaranteed to receive data at speeds up to
260Mbps (130MHz) over controlled impedance media of approxi-
mately 100
Ω. Supported transmission media are PCB traces, back-
planes, and cables.
The AS1153, AS1157 features integrated parallel termination resis-
tors (nominally 107
Ω), which eliminate the requirement for discrete
termination resistors, and reduce stub lengths. The AS1153, AS1157
uses high impedance inputs and requires an external termination
resistor when used in a point-to-point connection.
The integrated Failsafe feature sets the output high if the inputs are
open, undriven and terminated, or undriven and shorted.
All inputs conform to the ANSI TIA/EIA- 644 LVDS standards. Flow-
through pinout simplifies PC board layout and reduces crosstalk by
separating the LVDS inputs and LVCMOS outputs.
The devices are available in a 8-pin SOIC package.
Figure 1. AS1153, AS1157 - Block Diagram
2 Key Features
Flow-Through Pinout
Guaranteed 260Mbps Data Rate
300ps Pulse Skew (Max)
Conform to ANSI TIA/EIA-644 LVDS Standards
Single +3.3V Supply
Operating Temperature Range: -40°C to +85ºC
Failsafe Circuit
Integrated Termination (AS1157)
8-pin SOIC Package
3 Applications
Digital Copiers, Laser Printers, Cellular Phone Base Stations, Add/
Drop Muxes, Digital Cross-Connects, DSLAMs, Network Switches/
Routers, Backplane Interconnect, Clock Distribution Computers,
Intelligent Instruments, Controllers, Critical Microprocessors and
Microcontrollers, Power Monitoring, and Portable/Battery-Powered
Equipment.
AS1153/57
IN1-
IN1+
IN2+
IN2-
VCC
OUT1
OUT2
GND


Similar Part No. - AS1157

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1157 AMSCO-AS1157 Datasheet
291Kb / 15P
Single/Dual LVDS Receivers
AS1157-T AMSCO-AS1157-T Datasheet
291Kb / 15P
Single/Dual LVDS Receivers
More results

Similar Description - AS1157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9159 MAXIM-MAX9159 Datasheet
147Kb / 7P
Dual LVDS Line Receiver
19-2274; Rev 0; 1/02
logo
Fairchild Semiconductor
FIN1049 FAIRCHILD-FIN1049 Datasheet
319Kb / 10P
LVDS Dual Line Driver with Dual Line Receiver
logo
National Semiconductor ...
DS90C402 NSC-DS90C402_05 Datasheet
568Kb / 8P
Dual Low Voltage Differential Signaling (LVDS) Receiver
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
Automotive LVDS Dual Differential Line Receiver
logo
Fairchild Semiconductor
FIN1049MTCX FAIRCHILD-FIN1049MTCX Datasheet
1Mb / 12P
LVDS Dual-Line Driver with Dual-Line Receiver
logo
Texas Instruments
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
Automotive LVDS Dual Differential Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
Texas Instruments
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
Automotive LVDS Dual Differential Line Receiver
logo
STMicroelectronics
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
Rad-hard dual LVDS driver-receiver
04-Mar-2015
logo
Texas Instruments
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com