Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221-ASSP Datasheet(PDF) 11 Page - ams AG

Part # AS8221-ASSP
Description  FlexRay Standard Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221-ASSP Datasheet(HTML) 11 Page - ams AG

Back Button AS8221-ASSP Datasheet HTML 7Page - ams AG AS8221-ASSP Datasheet HTML 8Page - ams AG AS8221-ASSP Datasheet HTML 9Page - ams AG AS8221-ASSP Datasheet HTML 10Page - ams AG AS8221-ASSP Datasheet HTML 11Page - ams AG AS8221-ASSP Datasheet HTML 12Page - ams AG AS8221-ASSP Datasheet HTML 13Page - ams AG AS8221-ASSP Datasheet HTML 14Page - ams AG AS8221-ASSP Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
AS8221
Datasheet - Electrical Character i s t ics
www.austriamicrosystems.com/flexray/AS8221
Revision 1.7
11 - 42
VSHORT
Differential voltage on BP and
BM for detecting short circuit
between bus lines
NORMAL mode,
Transmitter enabled
225
mV
tBUS_ERROR
Bus error detection time
NORMAL mode,
Transmitter enabled
20
µs
Over Temperature
OTTH
Over temperature threshold
150
171
180
ºC
OTTL
Over temperature hysteresis
10
13
20
ºC
Power Supply Interface
VOINH
High level voltage drop on INH1,
INH2
IINH = 0.2mA, VBAT = 5.5V
0
0.15
0.8
V
IIL
Leakage current
SLEEP mode, VINH = 0V
05
µA
Communication Controller Interface
VTxDIH
Threshold for detecting TxD as
on logical high
0.48 *
VIO
0.7 * VIO
V
VTxDIL
Threshold for detecting TxD as
on logical low
0.3 * VIO
0.48 *
VIO
V
ITxDIH
TxD high level input current
30
52
100
µA
ITxDIL
TxD low level input current
-5
0
5
µA
VTxENIH
Threshold for detecting TxEN as
on logical high
0.48 *
VIO
0.7 * VIO
V
VTXENIL
Threshold for detecting TxEN as
on logical low
0.3 *
VIO
0.48 *
VIO
V
ITxENIH
TxEN high level input current
-5
0
5
µA
ITxENIL
TxEN low level input current
-100
-50
-30
µA
VRxDOH
RxD high level output voltage
IRxD = -4mA, VIO = 5V
0.8 * VIO 0.9 * VIO 1.0 * VIO
V
VRxDOL
RxD low level output voltage
IRxD = 4mA, VIO = 5V
0
0.1 * VIO 0.2 * VIO
V
Host Interface
VSTBNIH
Threshold for detecting STBN as
on logical high
0.48 *
VIO
0.7 * VIO
V
VSTBNIL
Threshold for detecting STBN as
on logical low
0.3 * VIO
0.48 *
VIO
V
ISTBNIH
STBN high level input current
30
52
100
µA
ISTBNIL
STBN low level input current
-5
0
5
µA
tSTBN_DEB_LP
STBN de-bouncing time low-
power modes
0.1
1
40
µs
tSTBN_DEB_NLP
STBN de-bouncing time non-low-
power modes
0.1
1
2
µs
VENIH
Threshold for detecting EN as on
logical high
0.48 *
VIO
0.7 * VIO
V
VENIL
Threshold for detecting EN as on
logical low
0.3 * VIO
0.48 *
VIO
V
IENIH
EN high level input current
30
50
100
µA
IENIL
EN low level input current
-5
0
5
µA
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com