Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221-ASSP Datasheet(PDF) 34 Page - ams AG

Part # AS8221-ASSP
Description  FlexRay Standard Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221-ASSP Datasheet(HTML) 34 Page - ams AG

Back Button AS8221-ASSP Datasheet HTML 30Page - ams AG AS8221-ASSP Datasheet HTML 31Page - ams AG AS8221-ASSP Datasheet HTML 32Page - ams AG AS8221-ASSP Datasheet HTML 33Page - ams AG AS8221-ASSP Datasheet HTML 34Page - ams AG AS8221-ASSP Datasheet HTML 35Page - ams AG AS8221-ASSP Datasheet HTML 36Page - ams AG AS8221-ASSP Datasheet HTML 37Page - ams AG AS8221-ASSP Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
AS8221
Datasheet - Appendi x
www.austriamicrosystems.com/flexray/AS8221
Revision 1.7
34 - 42
IBP48VShortMax
Absolute maximum current when BP is
shorted to 48V
IBPBAT48VShortMax
Absolute maximum output current when
shorted to 48V
IBM48VShortMax
Absolute maximum current when BM is
shorted to 48V
IBMBAT48VShortMax
Absolute maximum output current when
shorted to 48V
tTxD_BUS01
Delay time from TxD to BUS positive edge
dBDTx10
Transmitter delay, negative edge
tTxD_BUS10
Delay time from TxD to BUS negative edge
dBDTx01
Transmitter delay, positive edge
tTxD_MISMATCH
Delay time from TxD to BUS mismatch
dTxAsym
Transmitter delay mismatch
| dBDTx10 - dBDTx01 |
tBUS10
Fall time differential bus voltage
dBusTx10
Fall time differential bus voltage
(80% ® 20%)
tBUS01
Rise time differential bus voltage
dBusTx01
Rise time differential bus voltage (20% ®
80%)
tTxEN_BUS_Idle_Active
Delay time from TxEN to bus active
dBDTxia
Propagation delay idle ®active
tTxEN_BUS_Active_Idle
Delay time from TxEN to bus idle
dBDTxai
Propagation delay active ® idle
tTxEN_MISMATCH
Delay time from TxEN to bus mismatch
dBDTxDM
| dBDTxia - dBDTxai |
tBGE_BUS_Idle_Active
Delay time from BGE to bus active
dBDTxia
Propagation delay idle ® active
tBGE_BUS_Active_Idle
Delay time from BGE to bus idle
dBDTXai
Propagation delay active ® idle
tBUS_Idle_Active
Differential bus voltage transition time: idle to
active
dBusTxia
Transition time idle ® active
tBUS_Active_Idle
Differential bus voltage transition time: active
to idle
dBusTxai
Transition time active
 idle
tTxEN_timeout
TxEN timeout
-
-
Receiver
RBP, RBM
BP, BM input resistance
RCM1, RCM2
Receiver common mode input resistance
RDIFF
BP, BM differential input resistance
-
-
VBPidle, VBMidle
Idle voltage in non-low-power modes on pin
BP,BM
uBias
Bus bias voltage during BD_Normal mode
VBPidle_low, VBMidle_low Idle voltage in low-power modes on pin BP,
BM
uBias
Bus bias voltage during low-power modes
IBPidle
Absolute idle output current on pin BP
-
-
IBMidle
Absolute idle output current on pin BM
-
-
IBPleak, IBMleak
Absolute leakage current, when not powered
iBPLeak, iBMLeak
Absolute leakage current, when not powered
Table 12. Comparison Table
AS8221 Datasheet
FlexRay
Electrical Physical Layer Specification V2.1 Rev. B
Symbol
Parameter
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com