Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD301 Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # PXD301
Description  IEC DISTRIBUTION UNITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXD301 Datasheet(HTML) 2 Page - Elektron Components Ltd.

  PXD301 Datasheet HTML 1Page - Elektron Components Ltd. PXD301 Datasheet HTML 2Page - Elektron Components Ltd. PXD301 Datasheet HTML 3Page - Elektron Components Ltd. PXD301 Datasheet HTML 4Page - Elektron Components Ltd. PXD301 Datasheet HTML 5Page - Elektron Components Ltd. PXD301 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.elektron-bulgin.com
100
IEC DISTRIBUTION UNITS
PXD301/050/01/1
PXD100/050/01/1
PXD303/050/01/1
PXD306/050/01/1
Five Shuttered Outlets
5 x 20mm Fuseholder
Neon Indicator
Filtered or Non-filtered
EN60320 Inlet
10A, 250V a.c.
Five Shuttered Outlets
5 x 20mm Fuseholder
Neon Indicator
Screw Fit to Panel
10A, 250V a.c.
Five Shuttered Outlets
5 x 20mm Fuseholder
Neon Indicator
Filtered or Non-filtered
2 Metre Cable with BS1363
Plug
10A, 250V a.c.
EMI
Neon
Illuminated
Part No.
Inlet
Outlet
Filter
Indicator
Fuse
Switch
Approvals
Panel Style:
PXD100/050/01/1
5 Shuttered
11
Box Style:
PXD301/050/01/1
1
5 Shuttered
11
PXD301/050/07/1
1
5 Shuttered
Red
PXD301/050/08/1
1
5 Shuttered
Green
PXD301/550/01/1
1
5 Shuttered

11
PXD301/550/07/1
1
5 Shuttered

Red
PXD301/550/08/1
1
5 Shuttered

Green
PXD303/050/01/1
2m cable with BS1363 plug
5 Shuttered
11
PXD303/050/07/1
2m cable with BS1363 plug
5 Shuttered
Red
PXD303/050/08/1
2m cable with BS1363 plug
5 Shuttered
Green
PXD303/550/01/1
2m cable with BS1363 plug
5 Shuttered

11
PXD303/550/07/1
2m cable with BS1363 plug
5 Shuttered

Red
PXD303/550/08/1
2m cable with BS1363 plug
5 Shuttered

Green
PXD306/050/01/1
2m cable with CEE7 Sheet VII plug
5 Shuttered
11
IEC Rectangular Distribution Units
IEC DISTRIBUTION UNIT
IEC PANEL MOUNT DISTRIBUTION UNIT
IEC DISTRIBUTION UNIT
Conns7 - Dist Units- 2010:Conns7 - Dist Units- 2005
8/6/10
16:49
Page 100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com