Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD301 Datasheet(PDF) 3 Page - Elektron Components Ltd.

Part # PXD301
Description  IEC DISTRIBUTION UNITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXD301 Datasheet(HTML) 3 Page - Elektron Components Ltd.

  PXD301 Datasheet HTML 1Page - Elektron Components Ltd. PXD301 Datasheet HTML 2Page - Elektron Components Ltd. PXD301 Datasheet HTML 3Page - Elektron Components Ltd. PXD301 Datasheet HTML 4Page - Elektron Components Ltd. PXD301 Datasheet HTML 5Page - Elektron Components Ltd. PXD301 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.elektron-bulgin.com
101
IEC DISTRIBUTION UNITS
101
Specification
Mouldings:
Thermoplastic
Housing:
ABS
Connectors:
Nylon
Contacts:
Outlets: Brass, Tin Plated
Inlets: Brass, Nickel Plated
Voltage Rating:
250V a.c. 50/60Hz
Current Rating:
10A
Proof Voltage:
2kV
Temp. Range:
–5˚C to +60˚C
Mating Connectors:
PX0686, PX0686/SE
Compliant
Filter
Max. Earth Leakage:
Current:
<0.35mA (at 250V, 50Hz)
Capacitor:
2 x 2.2nF (Y), 1 x 15nF (X)
Inductance:
2 x 0.35mH
Fuse:
5 x 20mm, 10A (ceramic HRC type, IEC 127)
Five Shuttered Outlets
Illuminated Switch
Filtered or Non-Filtered
EN60320 Inlet
10A, 250V a.c.
Five Shuttered Outlets
Illuminated Switch
Filtered or Non-Filtered
2m Cable and BS1363 plug
10A, 250V a.c.
PXD301/050/07/1
PXD303/050/08/1
IEC DISTRIBUTION UNIT
IEC DISTRIBUTION UNIT
IEC Rectangular Distribution Units
Conns7 - Dist Units- 2010:Conns7 - Dist Units- 2005
8/6/10
16:49
Page 101



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com