Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045_V1 Datasheet(PDF) 13 Page - ams AG

Part # AS5045_V1
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045_V1 Datasheet(HTML) 13 Page - ams AG

Back Button AS5045_V1 Datasheet HTML 9Page - ams AG AS5045_V1 Datasheet HTML 10Page - ams AG AS5045_V1 Datasheet HTML 11Page - ams AG AS5045_V1 Datasheet HTML 12Page - ams AG AS5045_V1 Datasheet HTML 13Page - ams AG AS5045_V1 Datasheet HTML 14Page - ams AG AS5045_V1 Datasheet HTML 15Page - ams AG AS5045_V1 Datasheet HTML 16Page - ams AG AS5045_V1 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
13 – 33
8
Mode Input Pin
The mode input pin activates or deactivates an internal filter that is used to reduce the analog output noise.
Activating the filter (Mode pin = LOW) provides a reduced output noise of 0.03° rms. At the same time, the output
delay is increased to 384µs. This mode is recommended for high precision, low speed applications.
Deactivating the filter (Mode pin = HIGH) reduces the output delay to 96µs and provides an output noise of 0.06°
rms. This mode is recommended for higher speed applications.
The MODE pin should be set at power-up. A change of the mode during operation is not allowed.
Switching the Mode pin affects the following parameters:
Table 2.
Slow and Fast Mode Parameters 12-bit Absolute Angular Position Output
Parameter
Slow Mode (Mode = low)
Fast Mode (Mode = high, VDD5V)
Sampling rate
2.61 kHz (384 µs)
10.42 kHz (96µs)
Transition noise (1 sigma)
≤ 0.03° rms
≤ 0.06° rms
Output delay
384µs
96µs
Max. speed @ 4096 samples/rev.
Max. speed @ 1024 samples/rev.
Max. speed @ 256 samples/rev.
Max. speed @ 64 samples/rev.
38 rpm
153 rpm
610 rpm
2441 rpm
153 rpm
610 rpm
2441 rpm
9766 rpm
8.1
Synchronous Serial Interface (SSI)
Figure 5. Synchronous Serial Interface with Absolute Angular Position Data
D11
1
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
OCF COF
LIN
Mag
INC
Mag
DEC
Even
PAR
D11
1
18
8
t
CLK FE
t
CSn
t
DO Tristate
Status Bits
Angular Position Data
t
DO valid
t
DO active
T
CLK/2
t
CLK FE
CSn
DO
CLK
If CSn changes to logic low, Data Out (DO) will change from high impedance (tri-state) to logic high and the read-out
will be initiated.
After a minimum time tCLK FE, data is latched into the output shift register with the first falling edge of CLK.
Each subsequent rising CLK edge shifts out one bit of data.
The serial word contains 18 bits, the first 12 bits are the angular information D[11:0], the subsequent 6 bits
contain system information, about the validity of data such as OCF, COF, LIN, Parity and Magnetic Field status
(increase/decrease).
A subsequent measurement is initiated by a “high” pulse at CSn with a minimum duration of tCSn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com