Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045ASSU Datasheet(PDF) 1 Page - ams AG

Part # AS5045ASSU
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045ASSU Datasheet(HTML) 1 Page - ams AG

  AS5045ASSU Datasheet HTML 1Page - ams AG AS5045ASSU Datasheet HTML 2Page - ams AG AS5045ASSU Datasheet HTML 3Page - ams AG AS5045ASSU Datasheet HTML 4Page - ams AG AS5045ASSU Datasheet HTML 5Page - ams AG AS5045ASSU Datasheet HTML 6Page - ams AG AS5045ASSU Datasheet HTML 7Page - ams AG AS5045ASSU Datasheet HTML 8Page - ams AG AS5045ASSU Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
www.austriamicrosystems.com
Revision 1.7
1 – 33
1
General Description
The AS5045 is a contactless magnetic rotary encoder
for accurate angular measurement over a full turn of
360°. It is a system-on-chip, combining integrated Hall
elements, analog front end and digital signal processing
in a single device.
To measure the angle, only a simple two-pole magnet,
rotating over the center of the chip, is required. The
magnet may be placed above or below the IC.
The absolute angle measurement provides instant
indication of the magnet’s angular position with a
resolution of 0.0879° = 4096 positions per revolution.
This digital data is available as a serial bit stream and
as a PWM signal.
An internal voltage regulator allows the AS5045 to
operate at either 3.3 V or 5 V supplies.
2
Benefits
Complete system-on-chip
Flexible system solution provides absolute and
PWM outputs simultaneously
Ideal for applications in harsh environments due to
contactless position sensing
No calibration required
3
Key Features
Contactless high resolution rotational position
encoding over a full turn of 360 degrees
Two digital 12bit absolute outputs:
- Serial interface and
- Pulse width modulated (PWM) output
User programmable zero position
Failure detection mode for magnet placement
monitoring and loss of power supply
“red-yellow-green” indicators display placement of
magnet in Z-axis
Serial read-out of multiple interconnected AS5045
devices using Daisy Chain mode
Tolerant to magnet misalignment and airgap
variations
Wide temperature range: - 40°C to + 125°C
Small Pb-free package: SSOP 16 (5.3mm x 6.2mm)
4
Applications
Industrial applications:
- Contactless rotary position sensing
- Robotics
Automotive applications:
- Steering wheel position sensing
- Transmission gearbox encoder
- Headlight position control
- Torque sensing
- Valve position sensing
Replacement of high end potentiometers
Figure 1. Typical Arrangement of AS5045 and Magnet
AS5045
12 Bit Programmable Magnetic Rotary Encoder
Data Sheet


Similar Part No. - AS5045ASSU

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5045 AMSCO-AS5045 Datasheet
1Mb / 34P
12 Bit Programmable Magnetic Rotary Encoder
AS5045 AMSCO-AS5045 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5045-ASSM AMSCO-AS5045-ASSM Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5045-ASST AMSCO-AS5045-ASST Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
More results

Similar Description - AS5045ASSU

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5145 AMSCO-AS5145 Datasheet
1Mb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5145H ETC2-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
ams AG
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5045 AMSCO-AS5045_10 Datasheet
1Mb / 34P
12 Bit Programmable Magnetic Rotary Encoder
AS5055 AMSCO-AS5055 Datasheet
1,023Kb / 26P
Low Power 12-Bit Magnetic Rotary Encoder
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com