Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045ASSU Datasheet(PDF) 21 Page - ams AG

Part # AS5045ASSU
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045ASSU Datasheet(HTML) 21 Page - ams AG

Back Button AS5045ASSU Datasheet HTML 17Page - ams AG AS5045ASSU Datasheet HTML 18Page - ams AG AS5045ASSU Datasheet HTML 19Page - ams AG AS5045ASSU Datasheet HTML 20Page - ams AG AS5045ASSU Datasheet HTML 21Page - ams AG AS5045ASSU Datasheet HTML 22Page - ams AG AS5045ASSU Datasheet HTML 23Page - ams AG AS5045ASSU Datasheet HTML 24Page - ams AG AS5045ASSU Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
21 – 33
Figure 13. OTP Register Analog Read
Vunprogrammed
CSn
CLK
116
PROG
ProgEN
Mag
Comp
EN
PWM
halfEN
Analog Readback Data at PROG
OutpEN
CLKAread
Prog changes to Output
Vref
Z0
PWM
Dis
Z8
Z7
Z10
Z9
Z11
tLoadProg
Internal
test bit
digital
Vprogrammed
CCW
Power-on-
Reset;
turn off
supply
12 Alignment Mode
The alignment mode simplifies centering the magnet over the center of the chip to gain maximum accuracy.
Alignment mode can be enabled with the falling edge of CSn while Prog = logic high (Figure 14). The Data bits
D11-D0 of the SSI change to a 12-bit displacement amplitude output. A high value indicates large X or Y
displacement, but also higher absolute magnetic field strength. The magnet is properly aligned, when the difference
between highest and lowest value over one full turn is at a minimum.
Under normal conditions, a properly aligned magnet will result in a reading of less than 128 over a full turn.
The MagINCn and MagDECn indicators will be = 1 when the alignment mode reading is < 128. At the same time,
both hardware pins MagINCn (#1) and MagDECn (#2) will be pulled to VSS. A properly aligned magnet will therefore
produce a MagINCn = MagDECn = 1 signal throughout a full 360° turn of the magnet.
Stronger magnets or short gaps between magnet and IC may show values larger than 128. These magnets are still
properly aligned as long as the difference between highest and lowest value over one full turn is at a minimum.
The alignment mode can be reset to normal operation by a power-on-reset (disconnect / re-connect power supply) or
by a falling edge on CSn with Prog = low.
Figure 14. Enabling the Alignment Mode
Figure 15. Exiting Alignment Mode
AlignMode enable
Prog
CSn
Read-out
via SSI
2µs
min.
2µs
min.
exit AlignMode
Prog
CSn
Read-out
via SSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com