Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW_JDSH_EC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCW_JDSH_EC
Description  Technology: InGaN on Sapphire
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW_JDSH_EC Datasheet(HTML) 1 Page - OSRAM GmbH

  LCW_JDSH_EC Datasheet HTML 1Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 2Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 3Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 4Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 5Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 6Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 7Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 8Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2012-02-15
1
2012-02-15
DURIS E 5
Datasheet
Version 2.0 - OS-PCN-2012-006-A
LCW JDSH.EC
The DURIS™ E 5 combines high efficacy and a wide
beam angle into a compact format (5.6 mm x 3.0 mm).
This is key to homogeneous illumination applications
where the DURIS™ E 5 never fails to impress with its
performance on system level.
Die DURIS™ E 5 kombiniert hohe Effizienz und einen
weiten Abstrahlwinkel in einer kompakten Bauform
(5.6 mm x 3.0 mm). Speziell für Anwendungen mit
besonders homogener Lichtverteilung kann die
DURIS™ E 5 mit ihrer Leistung auf Systemebene
überzeugen.
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
•
Technology: InGaN on Sapphire
•
Technologie: InGaN on Sapphire
•
Viewing angle at 50 % I
V: (typ.) 120°
•
Abstrahlwinkel bei 50 % I
V: (typ.) 120°
•
Color: white; CRI (typ.) = 85; CTR = 5000 K
•
Farbe: weiß; CRI (typ.) = 85; CTR = 5000 K
•
Optical efficiency (typ.): 112 lm/W (white) at
5000 K
•
Optischer Wirkungsgrad (typ.): 112 lm/W
(weiß) at 5000 K
•
ESD-withstand voltage: up to 5 kV acc. to
JESD22-A114-F
•
ESD-Festigkeit: ESD-sicher bis 5 kV nach
JESD22-A114-F
Applications
Anwendungen
•
Retrofit lamps
•
Lampenretrofits
•
Task lights
•
Schreibtischlampen
•
White goods
•
Weiße Ware
•
Channel letters
•
Leuchtbuchstaben


Similar Part No. - LCW_JDSH_EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCW-JDSH.EC OSRAM-LCW-JDSH.EC Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
More results

Similar Description - LCW_JDSH_EC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1602F ETC-1602F Datasheet
28Kb / 1P
Chip On Glass technology
logo
Hantronix,Inc
HDG12864F-1 HANTRONIX-HDG12864F-1 Datasheet
26Kb / 1P
Chip On Glass technology
logo
Seoul Semiconductor
EWT801-S SEOUL-EWT801-S Datasheet
296Kb / 21P
Package: White PLCC2 White Color Technology: InGan/Gan
logo
Lite-On Technology Corp...
LTST-C170TBKT LITEON-LTST-C170TBKT Datasheet
548Kb / 11P
LITE-ON TECHNOLOGY CORPORATION
logo
SIPAT Co,Ltd
SP42450 SIPAT-SP42450 Datasheet
309Kb / 10P
SP5T Absorptive Silicon-on-Sapphire
logo
Lite-On Technology Corp...
LTL1CHTBK3 LITEON-LTL1CHTBK3 Datasheet
178Kb / 8P
LITE-ON TECHNOLOGY CORPORATION
logo
Vishay Siliconix
VLMW41 VISHAY-VLMW41 Datasheet
181Kb / 8P
High efficient InGaN technology
03-Aug-15
VLMW45R1S1-5K6L-08 VISHAY-VLMW45R1S1-5K6L-08 Datasheet
182Kb / 8P
High efficient InGaN technology
03-Aug-15
VLMW322 VISHAY-VLMW322 Datasheet
217Kb / 8P
High efficient INGaN technology
16-May-13
VLWW960 VISHAY-VLWW960 Datasheet
251Kb / 9P
Utilizing InGaN technology
05-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com