Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRD00514X Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SRD00514X
Description  Ge-Avalanche Photodiode with Pigtail
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SRD00514X Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SRD00514X Datasheet HTML 1Page - Siemens Semiconductor Group SRD00514X Datasheet HTML 2Page - Siemens Semiconductor Group SRD00514X Datasheet HTML 3Page - Siemens Semiconductor Group SRD00514X Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SRD 00514X
SRD 00515X
Semiconductor Group
2
Characteristics
All optical data refer to an optimally coupled 10/125
µm SM fiber at ambient temperature of
25 °C, unless otherwise defined.
Parameter
Symbol
Values
Unit
Spectral sensitivity
λ = 1310 nm, M = 1
Sλ
0.8 (
≥ 0.7)
A/W
Rise and fall time (10 % - 90 %)
RL = 50 Ω, M = 1, λ = 1310 nm, Φport = 100 µW
tr; tf
0.3 (
≤ 0.5)
ns
Multiplication factor at
VR = 0.9 VBR
M
4 (
≥ 3)
Breakdown voltage
IR = 100 µA
VBR
28
… 40
V
Total capacitance
VR = 0.9 VBR, Φport = 0, f = 1 MHz
C
≤ 2
pF
Dark current
VR = 10 V
VR = 0.9 VBR
ID
< 200
< 300
nA
nA
Multiplied dark current (
M = 10)
IDM
≤ 20
nA
Rel. Spectral Sensitivity
M = 1 (VR = 10 V)
Dark Current
ID = ID(VR / VBR)
Multiplication Factor
M = M(VR / VBR)
0
0.2
0.4
0.6
0.8
1
800
1000
1200
1400
1600
Wavelength in nm
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VR/VBR
M
ID



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com