Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRD00514X Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SRD00514X
Description  Ge-Avalanche Photodiode with Pigtail
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SRD00514X Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SRD00514X Datasheet HTML 1Page - Siemens Semiconductor Group SRD00514X Datasheet HTML 2Page - Siemens Semiconductor Group SRD00514X Datasheet HTML 3Page - Siemens Semiconductor Group SRD00514X Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SRD 00514X
SRD 00515X
Semiconductor Group
3
Frequency Response of Sensitivity
S = S(f),
λ = 1300 nm
Temperatur Behaviour of Breakdown
Voltage
VBR / VBR(25 °C)(TA)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
100
10000
Frequency in MHz
M=2
M=8
M=16
M=32
0.9
0.95
1
1.05
1.1
-50
-25
0
25
50
75
100
Ambient Temperature in °C
Temperature Behaviour of Dark Current
ID / ID(25 °C)(TA)
Sensitivity at different input Powers
VBR / VBR(25 °C)(TA)
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
255075
100
Ambient Temperature in °C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.00E-07
1.00E-05
1.00E-03
Popt in W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com