Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002G-AE2-R Datasheet(PDF) 4 Page - Advanced Monolithic Systems Ltd

Part # 2N7002G-AE2-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

2N7002G-AE2-R Datasheet(HTML) 4 Page - Advanced Monolithic Systems Ltd

  2N7002G-AE2-R Datasheet HTML 1Page - Advanced Monolithic Systems Ltd 2N7002G-AE2-R Datasheet HTML 2Page - Advanced Monolithic Systems Ltd 2N7002G-AE2-R Datasheet HTML 3Page - Advanced Monolithic Systems Ltd 2N7002G-AE2-R Datasheet HTML 4Page - Advanced Monolithic Systems Ltd 2N7002G-AE2-R Datasheet HTML 5Page - Advanced Monolithic Systems Ltd 2N7002G-AE2-R Datasheet HTML 6Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL CHARACTERISTICS
0
5
4
3
2
1
1.5
1
0.5
0
2
3.0V
2
1.6
1.2
0.8
0.4
VGS=4.0V
3
2.5
2
1.5
1
0
0.5
Drain-Source Voltage, VDS(V)
VGS=10V
4.0V
5.0V
6.0V
7.0V
8.0V
9.0V
On-Resistance Characteristics
Drain Current, ID (A)
On-Resistance Varisation with Gate
Voltage and Drain Current
4.5V
5.0V
6.0V
7.0V
8.0V
9.0V
10V
100
75
0
-25
2
1.5
1
-50
0.5
1.6
1.2
0.8
0.4
VGS=10V
3
2.5
2
1.5
1
0
0.5
25
50
150
125
0.75
1.25
1.75
2
0
TJ =125℃
25℃
Junction Temperature, TJ (°C)
On-Resistance Varisation with Temperature
VGS=10V
ID=500mA
Drain Current,ID (A)
On-Resistance Varisation with Drain
Current and Temperature
0
10
8
6
4
2
100
75
0
-25
-50
25
50
125
1.6
1.2
1.8
0.4
2
0
150
1.1
1.05
1
0.95
0.9
0.85
0.8
Gate to Source Voltage, VGS (V)
Transfer Characteristics
VDS=10V
25℃
125℃
Junction Temperature, TJ (°C)
Gate Threshold Varisation with Temperature
VGS = VDS
ID = 1mA
AMS 2N7002
4
Advanced Monolithic Systems http://www.ams-semitech.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com