Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002G-AE2-R Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # 2N7002G-AE2-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

2N7002G-AE2-R Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  2N7002G-AE2-R Datasheet HTML 1Page - Advanced Monolithic Systems Ltd 2N7002G-AE2-R Datasheet HTML 2Page - Advanced Monolithic Systems Ltd 2N7002G-AE2-R Datasheet HTML 3Page - Advanced Monolithic Systems Ltd 2N7002G-AE2-R Datasheet HTML 4Page - Advanced Monolithic Systems Ltd 2N7002G-AE2-R Datasheet HTML 5Page - Advanced Monolithic Systems Ltd 2N7002G-AE2-R Datasheet HTML 6Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
N-CHANNEL
ENHANCEMENT MODE
DESCRIPTION
The AMS 2N7002 has been designed to minimize on-state
resistance while provide rugged, reliable, and fast switching
performance. It can be used in most applications requiring up to
400mA DC and can deliver pulsed currents up to 2A. The product
is particularly suited for low voltage, low current applications such
as small servo motor control, power MOSFET gate drivers, and
other switching applications
FEATURES
* High Density Cell Design for Low RDS(ON).
* Voltage Controlled Small Signal Switch
* Rugged and Reliable
* High Saturation Current Capability
SYMBOL
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
4
5
6
Packing
2N7002G-AE2-R
SOT-23-3
S
G
D
-
-
-
Tape Reel
MARKING
SOT-23-3
SOT-23-3
7002k
1
2
3
SOT-23-3
3.Drain
2.Gate
1.Source
3PG
2N7002G-AE2-R
(1)PackingType
(2)Package Type
(3)Halogen Free
(1)R:Tape Reel
(2)AE2:SOT-23-3
(3)G:HalogenFree
AMS 2N7002
1
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - 2N7002G-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002G-AE2-R UTC-2N7002G-AE2-R Datasheet
291Kb / 6P
0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002G-AE2-R UTC-2N7002G-AE2-R Datasheet
286Kb / 6P
0.3A, 60V N-CHANNEL POWER MOSFET
2N7002G-AE2-R UTC-2N7002G-AE2-R Datasheet
304Kb / 6P
N-CHANNEL POWER MOSFET
More results

Similar Description - 2N7002G-AE2-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com