Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS1069 Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS1069
Description  2A Output Current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1069 Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS1069 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1069 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1069 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1069 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1069 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PACKAGE REFERENCE
BS
IN
SW
GND
SS
EN
COMP
FB
1
2
3
4
8
7
6
5
TOP VIEW
Part Number
Package
Temperature
AMS1069
SO
P8
–40° to +85°C
Shutdown Supply Current
VEN = 0V
1
3.0
µA
Supply Current
VEN = 2.0V; VFB = 1.0V
1.3
1.5
mA
Feedback Voltage
VFB
4.75V
≤ VIN ≤ 18V
0.
885
0.9
05
0.9
25
V
Feedback Overvoltage Threshold
1.1
V
Error Amplifier Voltage Gain
AEA
400
V/V
High-Side Switch On Resistance
RDS(ON)1
-
mΩ
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
10
µA
Lower Switch Current Limit
From Drain to Source
1.
0
A
COMP to Current Sense
Transconductance
GCS
3.5
A/V
Oscillation Frequency
Fosc1
3
80
KHz
Short Circuit Oscillation Frequency
Fosc2
VFB = 0V
100
KHz
Maximum Duty Cycle
DMAX
VFB = 1.0V
90
%
Minimum On Time
220
ns
EN Shutdown Threshold Voltage
VEN Rising
1.1
1.5
2.0
V
EN Shutdown Threshold Voltage
Hysteresis
210
mV
EN Lockout Threshold Voltage
2.2
2.5
2.7
V
EN Lockout Hysterisis
210
mV
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VIN....................... –0.3V to +20V
Switch Node Voltage VSW ............................ 21V
Boost Voltage VBS..........VSW – 0.3V to VSW + 6V
All Other Pins................................. –0.3V to +6V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature .............–65°C to +150°C
Recommended Operating Conditions
(2)
Input Voltage VIN............................ 4.75V to 18V
Output Voltage VOUT .................... 0.905V to 15V
Ambient Operating Temperature .... –40°C to +85°C
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Error Amplifier Transconductance
GEA
∆IC = ±10µA
700
µA/V
Low-Side Switch On Resistance
RDS(ON)2
-
mΩ
Upper Switch Current Limit
Minimum Duty Cycle
3.
2
A
Advanced Monolithic Systems http://www.ams-semitech.com
2
AMS1069



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com