Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS1069 Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # AMS1069
Description  2A Output Current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1069 Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  AMS1069 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1069 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1069 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1069 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1069 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TYPICAL APPLICATION
INPUT
3.3V
2A
C3
3.3nF
C5
10nF
AMS1069
BS
IN
FB
SW
SS
GND
COMP
EN
1
2
3
5
6
4
8
7
DESCRIPTION
The
AMS1069 is a monolithic synchronous buck
regulator.
The
device
integrates
two
MOSFETs, and provides 2A of continuous load
current over a wide input voltage of 4.75V to
18V. Current mode control provides fast
transient response and cycle-by-cycle current
limit.
An adjustable soft-start prevents inrush current
at turn-on, and in shutdown mode the supply
current drops to 1µA.
This device, available in an
SOP8/ESOP8
package, provides a very compact solution with
minimal external components.
FEATURES
2A Output Current
Wide 4.75V to 18V Operating Input Range
Integrated Power MOSFET Switches
Output Adjustable from 0.9
05V to 15V
Up to 93% Efficiency
Programmable Soft-Start
Stable with Low ESR Ceramic Output Capacitors
Fixed 3
80KHz Frequency
Cycle-by-Cycle Over Current Protection
Input Under Voltage Lockout
APPLICATIONS
Distributed Power Systems
Networking Systems
FPGA, DSP, ASIC Power Supplies
Green Electronics/ Appliances
Notebook Computers
2
R
2
R
1
R
9
05
.
0
VOUT
+
×
=
R2 can be as high as 100kΩ, but a typical value
is 10kΩ.
1
Advanced Monolithic Systems http://www.ams-semitech.com
AMS1069


Similar Part No. - AMS1069

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1067 AMS-AMS1067 Datasheet
5Mb / 5P
2A Output Current
More results

Similar Description - AMS1069

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Sharp Corporation
PQ3RF23 SHARP-PQ3RF23_01 Datasheet
68Kb / 7P
3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Semtech Corporation
SC4524D SEMTECH-SC4524D Datasheet
790Kb / 21P
18V 2A Step-Down Switching Regulator 2A Output Current
logo
Advanced Monolithic Sys...
AMS1067 AMS-AMS1067 Datasheet
5Mb / 5P
2A Output Current
logo
BCD Semiconductor Manuf...
AP3502E BCDSEMI-AP3502E Datasheet
597Kb / 11P
340kHz, 2A Synchronous DC-DC Buck Converter Output Current: 2A
logo
General Semiconductor
APXS002A0X-SRZ GE-APXS002A0X-SRZ Datasheet
851Kb / 24P
2A PicoTLynxTM: Non-Isolated DC-DC Power Modules 3Vdc ??4Vdc input; 0.6Vdc to 5.5Vdc output; 2A Output Current
logo
Seaward Electronics Inc...
SE3608 SEAWARD-SE3608 Datasheet
337Kb / 8P
2A/1.2Mhz Output Current, Boost Converter
logo
Advanced Monolithic Sys...
AMS3120 ADMOS-AMS3120 Datasheet
409Kb / 9P
2A maximum output current
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
Guaranteed Output Current of 2A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com