Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3757 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3757
Description  Wide Input Voltage Range
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3757 Datasheet HTML 9Page - Linear Technology LT3757 Datasheet HTML 10Page - Linear Technology LT3757 Datasheet HTML 11Page - Linear Technology LT3757 Datasheet HTML 12Page - Linear Technology LT3757 Datasheet HTML 13Page - Linear Technology LT3757 Datasheet HTML 14Page - Linear Technology LT3757 Datasheet HTML 15Page - Linear Technology LT3757 Datasheet HTML 16Page - Linear Technology LT3757 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT3759
13
3759fb
Due to the current limit function of the SENSE pin, RSENSE
should be selected to guarantee that the peak current sense
voltage VSENSE(PEAK) during steady state normal opera-
tion is lower than the SENSE current limit threshold (see
the Electrical Characteristics table). Given a 20% margin,
VSENSE(PEAK) is set to be 40mV. Then, the maximum switch
ripple current percentage can be calculated using the fol-
lowing equation:
c=
DVSENSE
40mV
- 0.5• DVSENSE
χ is used in subsequent design examples to calculate
inductor value. ΔVSENSEistheripplevoltageacrossRSENSE.
The LT3759 has internal slope compensation to stabilize
the control loop against sub-harmonic oscillation. When
the LT3759 operates at a high duty cycle in continuous
conduction mode, the SENSE voltage ripple ΔVSENSE (re-
fer to Figure 2) needs to be limited to ensure the internal
slope compensation is sufficient to stabilize the control
loop. Figure 3 shows the maximum allowed ΔVSENSE over
the duty cycle. It is recommended to check and ensure
ΔVSENSE is below the curve at the highest duty cycle.
Figure 4. The RC Filter on SENSE pin
APPLICATIONS INFORMATION
The LT3759 switching controller incorporates 100ns timing
interval to blank the ringing on the current sense signal
immediately after M1 is turned on. This ringing is caused
by the parasitic inductance and capacitance of the PCB
trace, the sense resistor, the diode, and the MOSFET. The
100ns timing interval is adequate for most of the LT3759
applications. In the applications that have very large and
long ringing on the current sense signal, a small RC filter
can be added to filter out the excess ringing. Figure 4
shows the RC filter on SENSE pin. It is usually sufficient
to choose 22Ω for RFLT and 2.2nF to 10nF for CFLT. Keep
RFLT’s resistance low. Remember that there is 50μA (typi-
cal) flowing out of the SENSE pin. Adding RFLT will affect
the SENSE current limit threshold:
VSENSE _ILIM = 50mV − 50μA • RFLT
CFLT
3759 F04
LT3759
RFLT
RSENSE
M1
SENSE
GATE
GND
Figure 3. The Maximum Allowed SENSE Voltage Ripple vs
Duty Cycle
DUTY CYCLE
0
40
30
60
50
1
3759 F03
20
0.1
0.5 0.6 0.7
0.2 0.3 0.4
0.8 0.9
10
0
APPLICATION CIRCUITS
The LT3759 can be configured as different topologies.
The design procedure for component selection differs
somewhat between these topologies. The first topology
to be analyzed will be the boost converter, followed by the
flyback SEPIC and inverting converters.
Boost Converter: Switch Duty Cycle and Frequency
The LT3759 can be configured as a boost converter for
the applications where the converter output voltage is
higher than the input voltage. Remember that boost con-
verters are not short-circuit protected. Under a shorted
output condition, the inductor current is limited only by
the input supply capability. For applications requiring a
step-up converter that is short-circuit protected, please
refer to the Applications Information section covering
SEPIC converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com