Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3757 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3757
Description  Wide Input Voltage Range
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3757 Datasheet HTML 17Page - Linear Technology LT3757 Datasheet HTML 18Page - Linear Technology LT3757 Datasheet HTML 19Page - Linear Technology LT3757 Datasheet HTML 20Page - Linear Technology LT3757 Datasheet HTML 21Page - Linear Technology LT3757 Datasheet HTML 22Page - Linear Technology LT3757 Datasheet HTML 23Page - Linear Technology LT3757 Datasheet HTML 24Page - Linear Technology LT3757 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT3759
21
3759fb
The inductor ripple currents ΔIL1 and ΔIL2 are identical:
DIL1=DIL2 = 0.5• DISW
By making L1 = L2, and winding them on the same core, the
value of inductance in the preceding equation is replaced
by 2L, due to mutual inductance:
L
=
VIN(MIN)
DISW •fOSC
•DMAX
=
RSENSE •VIN(MIN)
0.01V • fOSC
•DMAX
In a SEPIC converter, when the power switch is turned on,
the current flowing through the sense resistor (ISENSE) is
the switch current.
Set the sense voltage at ISENSE(PEAK) to be minimum of
the SENSE current limit threshold with a 20% margin. The
sense resistor value can then be calculated to be:
RSENSE =
40mV
ISW(PEAK)
SEPIC Converter: Power MOSFET Selection
For the SEPIC configuration, choose a MOSFET with a
VDC rating higher than the sum of the output voltage and
input voltage by a safety margin (a 10V safety margin is
usually sufficient).
The power dissipated by the MOSFET in a SEPIC converter
is:
PFET = I
2
SW(MAX) •RDS(ON) •DMAX
+ (VIN(MIN)+ VOUT)2 •ISW(MAX)
•CRSS •
fOSC
1A
The first term in this equation represents the conduction
losses in the device, and the second term, the switching
loss. CRSS is the reverse transfer capacitance, which is
usually specified in the MOSFET characteristics.
Figure 8. The Switch Current Waveform of a SEPIC Converter
3759 F08
ISW =
ISW(MAX)
ISW
t
DTS
ISW(MAX)
TS
APPLICATIONS INFORMATION
The inductor ripple current has a direct effect on the
choice of the inductor value. Choosing smaller values of
ΔIL requires large inductances and reduces the current
loop gain (the converter will approach voltage mode).
Accepting larger values of ΔIL allows the use of low in-
ductances, but results in higher input current ripple and
greater core losses. It is recommended that χ falls in the
range of 0.2 to 0.4.
Choose an inductor value based on operating frequency,
input and output voltage to provide a current mode ramp
on SENSE during the switch on-time of approximately
10mV magnitude. The inductor value (L1 and L2 are
independent) of the SEPIC converter can be determined
using the following equation:
L1
= L2 =
VIN(MIN)
0.5 •
DISW •fOSC
•DMAX
=
RSENSE •VIN(MIN)
0.5 • 0.01V • fOSC
•DMAX
For most SEPIC applications, the equal inductor values
will fall in the range of 1μH to 100μH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com