Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4356 Datasheet(PDF) 21 Page - Linear Technology

Part # LT4356
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT4356 Datasheet HTML 16Page - Linear Technology LT4356 Datasheet HTML 17Page - Linear Technology LT4356 Datasheet HTML 18Page - Linear Technology LT4356 Datasheet HTML 19Page - Linear Technology LT4356 Datasheet HTML 20Page - Linear Technology LT4356 Datasheet HTML 21Page - Linear Technology LT4356 Datasheet HTML 22Page - Linear Technology LT4356 Datasheet HTML 23Page - Linear Technology LT4356 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT4363
21
4363fa
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.
DE/UE Package
12-Lead Plastic DFN (4mm
× 3mm)
(Reference LTC DWG # 05-08-1695 Rev D)
4.00
±0.10
(2 SIDES)
3.00
±0.10
(2 SIDES)
NOTE:
1. DRAWING PROPOSED TO BE A VARIATION OF VERSION
(WGED) IN JEDEC PACKAGE OUTLINE M0-229
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
0.40
± 0.10
BOTTOM VIEW—EXPOSED PAD
1.70
± 0.10
0.75
±0.05
R = 0.115
TYP
R = 0.05
TYP
2.50 REF
1
6
12
7
PIN 1 NOTCH
R = 0.20 OR
0.35
× 45°
CHAMFER
PIN 1
TOP MARK
(NOTE 6)
0.200 REF
0.00 – 0.05
(UE12/DE12) DFN 0806 REV D
2.50 REF
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
2.20
±0.05
0.70
±0.05
3.60
±0.05
PACKAGE OUTLINE
3.30
±0.10
0.25
± 0.05
0.50 BSC
1.70
± 0.05
3.30
±0.05
0.50 BSC
0.25
± 0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com