Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4356 Datasheet(PDF) 1 Page - Linear Technology

Part # LT4356
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356 Datasheet(HTML) 1 Page - Linear Technology

  LT4356 Datasheet HTML 1Page - Linear Technology LT4356 Datasheet HTML 2Page - Linear Technology LT4356 Datasheet HTML 3Page - Linear Technology LT4356 Datasheet HTML 4Page - Linear Technology LT4356 Datasheet HTML 5Page - Linear Technology LT4356 Datasheet HTML 6Page - Linear Technology LT4356 Datasheet HTML 7Page - Linear Technology LT4356 Datasheet HTML 8Page - Linear Technology LT4356 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT4363
1
4363fa
100ms/DIV
4363 TA01b
VIN
20V/DIV
VOUT
20V/DIV
80V INPUT SURGE
CTMR = 6.8µF
ILOAD = 500mA
27V ADJUSTABLE CLAMP
12V
12V
TheLT®4363surgestopperprotectsloadsfromhighvoltage
transients. It regulates the output during an overvoltage
event, such as load dump in vehicles, by controlling the
gateofanexternalN-channelMOSFET.Theoutputislimited
to a safe value allowing the loads to continue functioning.
The LT4363 also monitors the voltage drop between the
SNS and OUT pins to protect against overcurrent faults.
An internal amplifier limits the voltage across the current
sense resistor to 50mV. In either fault condition, a timer is
startedinverselyproportionaltoMOSFETstress.Beforethe
timer expires, the FLT pin pulls low to warn of an impend-
ing power down. If the condition persists, the MOSFET is
turned off. The LT4363-1 remains off until reset whereas
the LT4363-2 restarts after a cool down period.
Two precision comparators can monitor the input supply
for overvoltage (OV) and undervoltage (UV) conditions.
When the potential is below the UV threshold, the external
MOSFET is kept off. If the input supply voltage is above the
OV threshold, the MOSFET is not allowed to turn back on.
Back-to-back MOSFETs can be used in lieu of a Schottky
diode for reverse input protection, reducing voltage drop
and power loss. A shutdown pin reduces the quiescent
current to less than 7µA during shutdown.
TYPICAL APPLICATION
FEATURES
DESCRIPTION
High Voltage Surge
Stopper with Current Limit
4A, 12V Overvoltage Output Regulator with 150V Surge Protection
Overvoltage Protector Regulates
Output at 27V During Transient
APPLICATIONS
n
Withstands Surges Over 80V with VCC Clamp
n
Wide Operating Voltage Range: 4V to 80V
n
Adjustable Output Clamp Voltage
n
Fast Overcurrent Limit: Less Than 5µs
n
Reverse Input Protection to –60V
n
Adjustable UV/OV Comparator Thresholds
n
Low 7µA Shutdown Current
n
Shutdown Pin Withstands –60V to 100V
n
Adjustable Fault Timer
n
Controls N-Channel MOSFET
n
Less Than 1% Retry Duty Cycle During Faults,
LT4363-2
n
Available in 12-Pin (4mm
× 3mm) DFN, 12-Pin
MSOP or 16-Pin SO Packages
n
Automotive/Avionic Surge Protection
n
Hot Swap™/Live Insertion
n
High Side Switch for Battery Powered Systems
n
Intrinsic Safety Applications
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
No RSENSE, ThinSOT and Hot Swap are trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
0.1µF
10
10m
FDB33N25
VIN
12V
4363 TA01
LT4363-2
GND
TMR
OUT
GATE SNS
UV
SHDN
OV
FAULT
OUTPUT
CLAMP
AT 16V
ENOUT
FLT
FB
1k
SMAJ58A
22µF
0.1µF
VCC
DC/DC
CONVERTER
GND
SHDN
VCC
4.99k
127k
49.9k
57.6k


Similar Part No. - LT4356

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356 LINER-LT4356 Datasheet
822Kb / 64P
38V, 10A DC/DC Module Regulator with Advanced Input and Load Protection
logo
Analog Devices
LT4356 AD-LT4356 Datasheet
2Mb / 24P
Low Quiescent Current Surge Stopper with 9m廓 MOSFET
LT4356 AD-LT4356 Datasheet
1Mb / 32P
140V High Efficiency Switching Surge Stopper
logo
Linear Technology
LT4356-1 LINER-LT4356-1 Datasheet
220Kb / 20P
Overvoltage Protection Regulator and Inrush Limiter
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
Surge Stopper
More results

Similar Description - LT4356

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP0640SXT3G ONSEMI-NP0640SXT3G Datasheet
52Kb / 5P
Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
logo
List of Unclassifed Man...
SUR25 ETC2-SUR25 Datasheet
682Kb / 1P
HIGH VOLTAGE SURGE RESISTORS
logo
Linear Technology
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
High Voltage Surge Stopper
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
High Surge Voltage SMD Film Capacitors
logo
Token Electronics Indus...
RI80 TOKEN-RI80 Datasheet
607Kb / 6P
High Voltage Surge Resistor
logo
Linear Technology
LTC4366HTS8-1 LINER-LTC4366HTS8-1 Datasheet
461Kb / 6P
Very High Voltage Surge Stopper
LTC4366 LINER-LTC4366 Datasheet
296Kb / 24P
High Voltage Surge Stopper
logo
Shanghai Leiditech Elec...
LB145F LEIDITECH-LB145F Datasheet
1Mb / 2P
High voltage surge capabilities
logo
RFE international
SUR RFE-SUR Datasheet
15Mb / 2P
HIGH VOLTAGE ANTI-SURGE RESISTORS
2023.01.09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com