Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1402 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1402
Description  Serial 12-Bit/14-Bit, 2.8Msps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1402 Datasheet HTML 14Page - Linear Technology LTC1402 Datasheet HTML 15Page - Linear Technology LTC1402 Datasheet HTML 16Page - Linear Technology LTC1402 Datasheet HTML 17Page - Linear Technology LTC1402 Datasheet HTML 18Page - Linear Technology LTC1402 Datasheet HTML 19Page - Linear Technology LTC1402 Datasheet HTML 20Page - Linear Technology LTC1402 Datasheet HTML 21Page - Linear Technology LTC1402 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LTC1403-1/LTC1403A-1
18
14031fc
APPLICATIONS INFORMATION
;
—————————dummy bsend return————————————
bsend
return _ enable
;this is also a dummy return to define bsend
;in vector table file BVECTORS.ASM
;
——————————— end ISR ——————————————
.copy “c:\dskplus\1403\s2k14ini.asm”
;initialize buffered serial port
.space 16*32
;clear a chunk at the end to mark the end
;======================================================================
;
; VECTORS
;
;======================================================================
.sect “vectors”
;The vectors start here
.copy “c:\dskplus\1403\bvectors.asm”
;get BSP vectors
.sect “buffer”
;Set address of BSP buffer for clearing
.space 16*0x800
.sect “result”
;Set address of result for clearing
.space 16*0x800
.end
; ***************************************************************************
; File: BVECTORS.ASM -> Vector Table for the ‘C54x DSKplus
10.Jul.96
;
BSP vectors and Debugger vectors
;
TDM vectors just return
; ***************************************************************************
; The vectors in this table can be configured for processing external and
; internal software interrupts. The DSKplus debugger uses four interrupt
; vectors. These are RESET, TRAP2, INT2, and HPIINT.
;
* DO NOT MODIFY THESE FOUR VECTORS IF YOU PLAN TO USE THE DEBUGGER *
;
; All other vector locations are free to use. When programming always be sure
; the HPIINT bit is unmasked (IMR=200h) to allow the communications kernel and
; host PC interact. INT2 should normally be masked (IMR(bit 2) = 0) so that the
; DSP will not interrupt itself during a HINT. HINT is tied to INT2 externally.
;
;
;
.title “Vector Table”
.mmregs
reset
goto #80h
;00; RESET * DO NOT MODIFY IF USING DEBUGGER *
nop
nop
nmi
return _ enable
;04; non-maskable external interrupt
nop
nop
nop
trap2
goto #88h
;08; trap2 * DO NOT MODIFY IF USING DEBUGGER *
nop
nop
.space 52*16
;0C-3F: vectors for software interrupts 18-30
int0
return _ enable
;40; external interrupt int0
nop
nop
nop
int1
return _ enable
;44; external interrupt int1
nop
nop
nop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com