Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1402 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1402
Description  Serial 12-Bit/14-Bit, 2.8Msps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402 Datasheet(HTML) 3 Page - Linear Technology

  LTC1402 Datasheet HTML 1Page - Linear Technology LTC1402 Datasheet HTML 2Page - Linear Technology LTC1402 Datasheet HTML 3Page - Linear Technology LTC1402 Datasheet HTML 4Page - Linear Technology LTC1402 Datasheet HTML 5Page - Linear Technology LTC1402 Datasheet HTML 6Page - Linear Technology LTC1402 Datasheet HTML 7Page - Linear Technology LTC1402 Datasheet HTML 8Page - Linear Technology LTC1402 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC1403-1/LTC1403A-1
3
14031fc
DYNAMIC ACCURACY
INTERNAL REFERENCE CHARACTERISTICS
ANALOG INPUTThe
l
denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. VDD = 3V
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tACQ
Sample-and-Hold Acquisition Time
(Note 6)
l
39
ns
tAP
Sample-and-Hold Aperture Delay Time
1
ns
tJITTER
Sample-and-Hold Aperture Delay Time Jitter
0.3
ps
CMRR
Analog Input Common Mode Rejection Ratio
fIN = 1MHz, VIN = 0V to 3V
fIN = 100MHz, VIN = 0V to 3V
–60
–15
dB
dB
The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. VDD = 3V. Single-ended AIN+ signal drive with AIN– = 1.5V DC. Differential signal drive with
VCM = 1.5V at AIN+ and AIN–
Symbol
PARAMETER
CONDITIONS
LTC1403-1
LTC1403A-1
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
SINAD
Signal-to-Noise Plus
Distortion Ratio
100kHz Input Signal (Note 19)
1.4MHz Input Signal (Note 19)
100kHz Input Signal, External VREF = 3.3V,
VDD ≥ 3.3V (Note 19)
750kHz Input Signal, External VREF = 3.3V,
VDD ≥ 3.3V (Note 19)
l
68
70.5
70.5
72
72
70
73.5
73.5
76.3
76.3
dB
dB
dB
dB
THD
Total Harmonic
Distortion
100kHz First 5 Harmonics (Note 19)
1.4MHz First 5 Harmonics (Note 19)
l
–87
–83
–76
–90
–86
–78
dB
dB
SFDR
Spurious Free
Dynamic Range
100kHz Input Signal (Note 19)
1.4MHz Input Signal (Note 19)
–87
–83
–90
–86
dB
dB
IMD
Intermodulation
Distortion
0.625VP-P 1.4MHz Summed with 0.625VP-P
1.56MHz into AIN+ and Inverted into AIN–
–82
–82
dB
Code-to-Code
Transition Noise
VREF = 2.5V (Note 18)
0.25
1
LSBRMS
Full Power Bandwidth
VIN = 2.5VP-P, SDO = 11585LSBP-P (Note 15)
50
50
MHz
Full Linear Bandwidth
S/(N + D) ≥ 68dB
5
5
MHz
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
2.5
V
VREF Output Tempco
15
ppm/°C
VREF Line Regulation
VDD = 2.7V to 3.6V, VREF = 2.5V
600
µV/V
VREF Output Resistance
Load Current = 0.5mA
0.2
Ω
VREF Settling Time
2
ms
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VDD = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com