Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2855 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2855
Description  20Mbps RS485 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2855 Datasheet(HTML) 4 Page - Linear Technology

  LTC2855 Datasheet HTML 1Page - Linear Technology LTC2855 Datasheet HTML 2Page - Linear Technology LTC2855 Datasheet HTML 3Page - Linear Technology LTC2855 Datasheet HTML 4Page - Linear Technology LTC2855 Datasheet HTML 5Page - Linear Technology LTC2855 Datasheet HTML 6Page - Linear Technology LTC2855 Datasheet HTML 7Page - Linear Technology LTC2855 Datasheet HTML 8Page - Linear Technology LTC2855 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC2859/LTC2861
4
285961fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime..
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver in Normal Mode (SLO HIGH)
fMAX
Maximum Data Rate
Note 3
l
20
Mbps
tPLHD, tPHLD
Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 3)
l
10
50
ns
DtPD
Driver Input to Output Difference
|tPLHD-tPHLD|
RDIFF = 54Ω, CL = 100pF (Figure 3)
l
1
6
ns
tSKEWD
Driver Output Y to Output Z
RDIFF = 54Ω, CL = 100pF (Figure 3)
l
1
±6
ns
tRD, tFD
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF (Figure 3)
l
4
12.5
ns
tZLD, tZHD, tLZD,
tHZD
Driver Enable or Disable Time
RL = 500Ω, CL = 50pF, RE = 0 (Figure 4)
l
70
ns
tZHSD, tZLSD
Driver Enable from Shutdown
RL = 500Ω, CL = 50pF, RE = VCC (Figure 4)
l
8
µs
tSHDN
Time to Shutdown
(DE =
↓, RE = VCC) or (DE = 0, RE ↑)
(Figure 4)
l
100
ns
Driver in SLO Mode (SLO LOW)
fMAXS
Maximum Data Rate
Note 3
l
250
kbps
tPLHDS, tPHLDS Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 3)
l
0.95
1.5
µs
DtPDS
Driver Input to Output Difference
|tPLHR-tPHLR|
RDIFF = 54Ω, CL = 100pF (Figure 3)
l
50
500
ns
tSKEWDS
Driver Output A to Output B
RDIFF = 54Ω, CL = 100pF (Figure 3)
(H-Grade)
l
l
200
200
±500
±750
ns
ns
tRDS, tFDS
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF (Figure 3)
l
0.9
1.5
µs
tZHDS, tZLDS
Driver Enable Time
RL = 500Ω, CL = 50pF, RE = 0 (Figure 4)
l
300
ns
tLZDS, tHZDS
Driver Disable Time
RL = 500Ω, CL = 50pF, RE = 0 (Figure 4)
l
70
ns
tZHSDS, tZLSDS Driver Enable from Shutdown
RL = 500Ω, CL = 50pF, RE = VCC (Figure 4)
l
8
µs
tSHDNS
Time to Shutdown
(DE = 0, RE =
↑) or (DE = ↓, RE = VCC) (Figure 4)
l
500
ns
Receiver
tPLHR, tPHLR
Receiver Input to Output
CL = 15pF, VCM = 1.5V, |VAB| = 1.5V, tR and tF <
4ns (Figure 5)
l
50
70
ns
tSKEWR
Differential Receiver Skew
|tPLHR-tPHLR|
CL = 15pF (Figure 5)
l
1
6
ns
tRR, tFR
Receiver Output Rise or Fall Time
CL = 15pF (Figure 5)
l
3
12.5
ns
tZLR, tZHR, tLZR,
tHZR
Receiver Enable/Disable
RL = 1kΩ, CL =15pF, DE = VCC (Figure 6)
DI = 0 or VCC
l
50
ns
tZHSR, tZLSR
Receiver Enable from Shutdown
RL = 1kΩ, CL = 15pF, DE = 0V (Figure 6)
DI = 0 or VCC
l
8
µs
tRTEN, tRTZ
Termination Enable or Disable Time
VB = 0V, VAB = 2V, RE = VCC, DE = 0V (Figure 7)
l
100
µs
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V, TE = 0 unless otherwise noted (Note 2).
Note 3: Maximum data rate is guaranteed by other measured parameters
and is not tested directly.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
swiTchinG characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com