Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2855 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2855
Description  20Mbps RS485 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2855 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2855 Datasheet HTML 2Page - Linear Technology LTC2855 Datasheet HTML 3Page - Linear Technology LTC2855 Datasheet HTML 4Page - Linear Technology LTC2855 Datasheet HTML 5Page - Linear Technology LTC2855 Datasheet HTML 6Page - Linear Technology LTC2855 Datasheet HTML 7Page - Linear Technology LTC2855 Datasheet HTML 8Page - Linear Technology LTC2855 Datasheet HTML 9Page - Linear Technology LTC2855 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC2859/LTC2861
6
285961fc
Figure 5. Receiver Propagation Delay Measurements
Figure 6. Receiver Enable/Disable Time Measurements
Figure 7. Termination Resistance and Timing Measurements
TesT circuiTs
1/2 VCC
tPLHR
tSKEWR = tPLHR – tPHLR
tPHLR
tRR
tFR
1/2 VCC
VO
VAB
–VAB
VCC
CL
VCM
±VAB/2
±VAB/2
B
A
RO
A-B
2859/61 F05
RECEIVER
90%
10%
90%
10%
0V
0V
RO
1/2 VCC
1/2 VCC
VO
1/2 VCC
tZLR,
tZLSR
tZHR,
tZHSR
tLZR
0.5V
0.5V
tHZR
0V
VCC
VCC
RL
RO
CL
RE
VCC
OR
GND
VOL
VOH
RO
RE
RO
0V
2859/61 F06
B
A
VCC OR 0V
DI = 0V OR VCC
0V OR VCC
RECEIVER
tRTEN
tRTZ
VCC
B
A
IA
TE
2859/61 F07
RECEIVER
90%
10%
0V
TE
+–
+–
VAB
VB
RTERM =
IA
VAB
1/2 VCC
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com