Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9002 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM9002
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 10Page - Linear Technology LTM9002 Datasheet HTML 11Page - Linear Technology LTM9002 Datasheet HTML 12Page - Linear Technology LTM9002 Datasheet HTML 13Page - Linear Technology LTM9002 Datasheet HTML 14Page - Linear Technology LTM9002 Datasheet HTML 15Page - Linear Technology LTM9002 Datasheet HTML 16Page - Linear Technology LTM9002 Datasheet HTML 17Page - Linear Technology LTM9002 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LTC2157-14/
LTC2156-14/LTC2155-14
14
21576514fa
PIN FUNCTIONS
LVDS Outputs
The following pins are differential LVDS outputs. The
output current level is programmable. There is an optional
internal 100Ω termination resistor between the pins of
each LVDS output pair.
OF–/OF+ (Pins 22/23):
Over/Underflow Digital Output.
OF+ is high when an overflow or underflow has occurred.
The overflows for channel A and channel B are multiplexed
together.
DB0_1–/DB0_1+ to DB12_13–/DB12_13+ (Pins 24/25, 26/27,
28/29, 30/31, 34/35, 36/37, 38/39): Channel B Double
Data Rate Digital Outputs. Two data bits are multiplexed
onto each differential output pair. The even data bits (DB0,
DB2, DB4, DB6, DB8, DB10, DB12) appear when CLKOUT+
is low. The odd data bits (DB1, DB3, DB5, DB7, DB9, DB11,
DB13) appear when CLKOUT+ is high.
CLKOUT–/CLKOUT+ (Pins 40/41):
Data Output Clock.
The digital outputs normally transition at the same time
as the falling and rising edges of CLKOUT+. The phase of
CLKOUT+ can also be delayed relative to the digital outputs
by programming the mode control registers.
DA0_1–/DA0_1+ to DA12_13–/DA12_13+ (Pins 42/43, 44/45,
46/47, 50/51, 52/53, 54/55, 56/57): Channel A Double
Data Rate Digital Outputs. Two data bits are multiplexed
onto each differential output pair. The even data bits (DA0,
DA2, DA4, DA6, DA8, DA10, DA12) appear when CLKOUT+
is low. The odd data bits (DA1, DA3, DA5, DA7, DA9, DA11,
DA13) appear when CLKOUT+ is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com