Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9002 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM9002
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 4 Page - Linear Technology

  LTM9002 Datasheet HTML 1Page - Linear Technology LTM9002 Datasheet HTML 2Page - Linear Technology LTM9002 Datasheet HTML 3Page - Linear Technology LTM9002 Datasheet HTML 4Page - Linear Technology LTM9002 Datasheet HTML 5Page - Linear Technology LTM9002 Datasheet HTML 6Page - Linear Technology LTM9002 Datasheet HTML 7Page - Linear Technology LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LTC2157-14/
LTC2156-14/LTC2155-14
4
21576514fa
INTERNAL REFERENCE CHARACTERISTICS The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
0.435 •
VDD – 18mV
0.435 •
VDD
0.435 •
VDD + 18mV
V
VCM Output Temperature Drift
±37
ppm/°C
VCM Output Resistance
–1mA < IOUT < 1mA
4
Ω
VREF Output Voltage
IOUT = 0
1.225
1.250
1.275
V
VREF Output Temperature Drift
±30
ppm/°C
VREF Output Resistance
–400μA < IOUT < 1mA
7
Ω
VREF Line Regulation
1.7V < VDD < 1.9V
0.6
mV/V
DIGITAL INPUTS AND OUTPUTS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ENCODE INPUTS (ENC+, ENC–)
VID
Differential Input Voltage
(Note 8)
l
0.2
V
VICM
Common Mode Input Voltage
Internally Set
Externally Set (Note 8)
l
1.1
1.2
1.5
V
V
RIN
Input Resistance
(See Figure 2)
10
kΩ
CIN
Input Capacitance
(Note 8)
2
pF
DIGITAL INPUTS (CS, SDI, SCK)
VIH
High Level Input Voltage
VDD = 1.8V
l
1.3
V
VIL
Low Level Input Voltage
VDD = 1.8V
l
0.6
V
IIN
Input Current
VIN = 0V to 3.6V
l
–10
10
μA
CIN
Input Capacitance
(Note 8)
3
pF
SDO OUTPUT (Open-Drain Output. Requires 2k Pull-Up Resistor if SDO Is Used)
ROL
Logic Low Output Resistance to GND
VDD = 1.8V, SDO = 0V
200
Ω
IOH
Logic High Output Leakage Current
SDO = 0V to 3.6V
l
–10
10
μA
COUT
Output Capacitance
(Note 8)
4
pF
POWER REQUIREMENTS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
LTC2157-14
LTC2156-14
LTC2155-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VDD
Analog Supply Voltage
(Note 9)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
OVDD
Output Supply Voltage
(Note 9)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
IVDD
Analog Supply Current
l
316
350
299
330
274
305
mA
IOVDD
Digital Supply Current
1.75mA LVDS Mode
3.5mA LVDS Mode
l
l
45
76
50
85
43
73
49
84
41
71
48
83
mA
mA
PDISS
Power Dissipation
1.75mA LVDS Mode
3.5mA LVDS Mode
l
l
650
706
720
783
616
670
682
745
567
621
635
698
mW
mW
PSLEEP
Sleep Mode Power
Clock Disabled
Clocked at fS(MAX)
<5
<5
<5
<5
<5
<5
mW
mW
PNAP
Nap Mode Power
Clocked at fS(MAX)
213
198
184
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com