Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1672 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1672
Description  Ultralow Voltage Step-Up Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1672 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1672 Datasheet HTML 9Page - Linear Technology LT1672 Datasheet HTML 10Page - Linear Technology LT1672 Datasheet HTML 11Page - Linear Technology LT1672 Datasheet HTML 12Page - Linear Technology LT1672 Datasheet HTML 13Page - Linear Technology LT1672 Datasheet HTML 14Page - Linear Technology LT1672 Datasheet HTML 15Page - Linear Technology LT1672 Datasheet HTML 16Page - Linear Technology LT1672 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC3108-1
13
31081fa
this manner, a Peltier cell is referred to as a thermoelectric
generator (TEG).
The low voltage capability of the LTC3108-1 design allows
it to operate from a TEG with temperature differentials
as low as 1°C, making it ideal for harvesting energy in
applications in which a temperature difference exists
between two surfaces or between a surface and the am-
bient temperature. The internal resistance (ESR) of most
cells is in the range of 1Ω to 5Ω, allowing for reasonable
power transfer. The curves in Figure 2 show the open-
circuit output voltage and maximum power transfer for a
typical Peltier cell (with an ESR of 2Ω) over a 20°C range
of temperature differential.
TEG Load Matching
The LTC3108-1 was designed to present a minimum input
resistance (load) in the range of 2Ω to 10Ω, depending
on input voltage and transformer turns ratio (as shown
in the Typical Performance Characteristics curves). For
a given turns ratio, as the input voltage drops, the input
resistance increases. This feature allows the LTC3108-1
to optimize power transfer from sources with a few ohms
of source resistance, such as a typical TEG. Note that a
lower source resistance will always provide more output
current capability by providing a higher input voltage
under load.
Peltier Cell (TEG) Suppliers
Peltier cells are available in a wide range of sizes and
power capabilities, from less than 10mm square to over
50mm square. They are typically 2mm to 5mm in height.
A list of Peltier cell manufacturers is given in Table 3.
Table 3. Peltier Cell Manufacturers
Fujitaka
www.fujitaka.com/pub/peltier/english/thermoelectric_power.html
FerroTec
www.ferrotec.com/products/thermal/modules
Laird Technologies
www.lairdtech.com
Marlow Industries
www.marlow.com
Micropelt
www.micropelt.com
Nextreme
www.nextreme.com
TE Technology
www.tetech.com/Peltier-Thermoelectric-Cooler-Modules.html
Tellurex
www.tellurex.com
Kryotherm
www.kryothermusa.com
APPLICATIONS INFORMATION
Table 4. Recommended TEG Part Numbers by Size
MANUFACTURER
15mm × 15mm
20mm × 20mm
30mm × 30mm
40mm × 40mm
CUI Inc. (Distributor)
CP60133
CP60233
CP60333
CP85438
Ferrotec
9501/031/030 B
9501/071/040 B
9500/097/090 B
9500/127/100 B
Fujitaka
FPH13106NC
FPH17106NC
FPH17108AC
FPH112708AC
Kryotherm
TGM-127-1.0-0.8
LCB-127-1.4-1.15
Laird Technology
PT6.7.F2.3030.W6
PT8.12.F2.4040.TA.W6
Marlow Industries
RC3-8-01
RC6-6-01
RC12-8-01LS
Tellurex
C2-15-0405
C2-20-0409
C2-30-1505
C2-40-1509
TE Technology
TE-31-1.0-1.3
TE-31-1.4-1.15
TE-71-1.4-1.15
TE-127-1.4-1.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com