Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1672 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1672
Description  Ultralow Voltage Step-Up Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1672 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1672 Datasheet HTML 15Page - Linear Technology LT1672 Datasheet HTML 16Page - Linear Technology LT1672 Datasheet HTML 17Page - Linear Technology LT1672 Datasheet HTML 18Page - Linear Technology LT1672 Datasheet HTML 19Page - Linear Technology LT1672 Datasheet HTML 20Page - Linear Technology LT1672 Datasheet HTML 21Page - Linear Technology LT1672 Datasheet HTML 22Page - Linear Technology LT1672 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC3108-1
19
31081fa
Supercapacitor Charger and LDO Powered by a Solar Cell
(Uses External Charge Pump Rectifiers)
Dual Output Converter and LDO Powered by a Thermopile Generator
31081 TA04
C1
HONEYWELL
Q313
THERMOPILE
C2
SW
VS2
VS1
VSTORE
VOUT2
PGOOD
VLDO
PGD
VLDO
VOUT
VOUT2_EN
LTC3108-1
VAUX
GND
2.2μF
150μF
6.3V
2.2μF
4.7nF
T1: COILCRAFT LPR6235-123QML
2.2V
4.5V
T1
1:50
330pF
220μF
+
+
VOUT
499k
31081 TA03
C1
SOLAR
CELL*
* 2" DIAMETER MONOCRYSTALLINE CELL
LIGHT LEVEL ≥ 900 LUX
T1: COILCRAFT LPR6235-253PML
C2
SW
VS2
VS1
VSTORE
VOUT2
VLDO
PGD
VLDO
VOUT
VOUT2_EN
LTC3108-1
VAUX
VAUX
VAUX
GND
2.2μF
4F*
4.7μF
0.022μF
2.2V
*TAIYO YUDEN
PAS1020LA3R0405
BAS31
3.0V
T1
1:20
330pF
220μF
+
–
+
VOUT
499k
+
TYPICAL APPLICATIONS
ILLUMINANCE (LUX)
100
10
100
1000
10,000
1000
10,000
10,0000
31081 TA03b
INCANDESCENT LIGHT
FLOURESCENT LIGHT
OUTDOOR
LIGHT (CLOUDY)
IVOUT vs Illuminance
(2
" Diameter Monocrystalline Cell)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com