Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3613 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3613
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3613 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3613 Datasheet HTML 10Page - Linear Technology LTC3613 Datasheet HTML 11Page - Linear Technology LTC3613 Datasheet HTML 12Page - Linear Technology LTC3613 Datasheet HTML 13Page - Linear Technology LTC3613 Datasheet HTML 14Page - Linear Technology LTC3613 Datasheet HTML 15Page - Linear Technology LTC3613 Datasheet HTML 16Page - Linear Technology LTC3613 Datasheet HTML 17Page - Linear Technology LTC3613 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTC3613
14
3613fa
APPLICATIONS INFORMATION
To avoid noise coupling into VOSNS+, the resistor divider
should be placed near the VOSNS+ and VOSNS– pins and
physically close to the LTC3613. The remote output and
ground traces should be routed together as a differential
pair to the remote output. These traces should be termi-
nated as close as physically possible to the remote output
point that is to be accurately regulated through remote
differential sensing.
Switching Frequency Programming
The choice of operating frequency is a trade-off between
efficiency and component size. Lowering the operating fre-
quency improves efficiency by reducing MOSFET switching
losses but requires larger inductance and/or capacitance
to maintain low output ripple voltage. Conversely, raising
the operating frequency degrades efficiency but reduces
component size.
The switching frequency of the LTC3613 can be pro-
grammed from 200kHz to 1MHz by connecting a resistor
from the RT pin to signal ground. The value of this resistor
is given by the following empirical formula:
RT kΩ
[]=
41550
fkHz
[]
–2.2
RFB1
SW
RFB2
L
CIN
VIN
COUT1
COUT2
3613 F02
ILOAD
OTHER CURRENTS
FLOWING IN
SHARED GROUND
PLANE
POWER TRACE
PARASITICS
±VDROP(PWR)
+
–
GROUND TRACE
PARASITICS
±VDROP(GND)
ILOAD
LTC3613
VOSNS+
PGND
PVIN
VOSNS–
Figure 2. Differential Output Sensing Used to Correct Line Loss Variations
in a High Power Distributed System with a Shared Ground Plane
Not counting resistor tolerances, the switching fre-
quency could still have a ±10% deviation from the ideal
programmed value. The internal PLL has a synchroniza-
tion range of ±30% around this programmed frequency.
Therefore, during external clock synchronization be sure
that the external clock frequency is within this ±30% range
of the RT programmed frequency. It is advisable that the
RT programmed frequency be equal to the external clock
for maximum synchronization margin. Refer to Phase and
Frequency Synchronization for further details.
Inductor Selection
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use of
smaller inductor and capacitor values. A higher frequency
generally results in lower efficiency because of MOSFET
gate charge losses and top MOSFET transition losses.
In addition to this basic trade-off, the effect of inductor
value on ripple current and low current operation must
also be considered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com