Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3613 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3613
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3613 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3613 Datasheet HTML 2Page - Linear Technology LTC3613 Datasheet HTML 3Page - Linear Technology LTC3613 Datasheet HTML 4Page - Linear Technology LTC3613 Datasheet HTML 5Page - Linear Technology LTC3613 Datasheet HTML 6Page - Linear Technology LTC3613 Datasheet HTML 7Page - Linear Technology LTC3613 Datasheet HTML 8Page - Linear Technology LTC3613 Datasheet HTML 9Page - Linear Technology LTC3613 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC3613
6
3613fa
TYPICAL PERFORMANCE CHARACTERISTICS
Output Regulation
vs Input Voltage
Output Regulation
vs Load Current
Output Regulation
vs Temperature
Switching Frequency
vs Input Voltage
Switching Frequency
vs Load Current
Non-Synchronized Switching
Frequency vs Temperature
Overcurrent Protection
Short-Circuit Protection
Overvoltage Protection
4ms/DIV
7.5A
3613 G10
VIN = 12V
VOUT = 1.5V
FIGURE 10 CIRCUIT
VOUT
1V/DIV
LOAD-STEP
TRIGGER
ILOAD
10A/DIV
VOUT DROOPS
DUE TO
REACHING CURRENT LIMIT
NOTE
200μs/DIV
3613 G11
VIN = 12V
VOUT = 1.5V
FIGURE 10 CIRCUIT
VOUT
1V/DIV
ILOAD
10A/DIV
SHORT-
CIRCUIT
TRIGGER
NOTE: INDUCTOR CURRENT REACHES
CURRENT LIMIT BEFORE FOLDBACK
AND DURING SHORT-CIRCUIT RECOVERY
SHORT-CIRCUIT
REGION
20μs/DIV
3613 G12
VIN = 12V
VOUT = 1.5V
FIGURE 10 CIRCUIT
NOTE: SW IS FORCED LOW
FOR EXTENDED PERIODS TO
REMOVE OVERVOLTAGE
VOUT
200mV/DIV
IL
10A/DIV
SW
20V/DIV
OVERVOLTAGE
TRIGGER
OVERVOLTAGE REGION
INPUT VOLTAGE (V)
0
–0.5
–0.3
–0.1
0.1
0.3
0.5
48
3613 G13
12
16
20
24
VIN = 12V
ILOAD = 5A
FIGURE 10 CIRCUIT
LOAD CURRENT (A)
0
0.3
0.1
12
3613 G14
–0.1
–0.3
–0.5
3
6
9
15
0.5
VIN = 12V
ILOAD = 4A
FIGURE 10 CIRCUIT
TEMPERATURE (°C)
–50
–0.2
–0.1
0
0.1
0.2
–25
0
25
50
3613 G15
55
100 125 150
VIN = 12V
ILOAD = 0A
VOUT NORMALIZED AT TA = 25°C
FIGURE 10 CIRCUIT
VIN (V)
0
–1.0
–0.5
0
0.5
1.0
8
16
24
3613 G16
1.5
2.0
4
12
20
VIN = 12V
ILOAD = 5A
FIGURE 10 CIRCUIT
LOAD CURRENT (A)
0
–0.1
0.1
0.3
12
3613 G17
–0.3
–0.5
3
6
9
15
0.5
VIN = 12V
ILOAD = 4A
FIGURE 10 CIRCUIT
TEMPERATURE (°C)
–50
–2.0
–1.5
–1.0
–0.5
0
050
100
150
3613 G18
0.5
1.0
–25
25
75
125
VIN = 12V
ILOAD = 0A
FREQUENCY NORMALIZED AT TA = 25°C
FIGURE 10 CIRCUIT
TA = 25°C unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com