Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9002 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM9002
Description  16-Bit, 20Msps Low Power ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 14Page - Linear Technology LTM9002 Datasheet HTML 15Page - Linear Technology LTM9002 Datasheet HTML 16Page - Linear Technology LTM9002 Datasheet HTML 17Page - Linear Technology LTM9002 Datasheet HTML 18Page - Linear Technology LTM9002 Datasheet HTML 19Page - Linear Technology LTM9002 Datasheet HTML 20Page - Linear Technology LTM9002 Datasheet HTML 21Page - Linear Technology LTM9002 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC2159
18
2159f
Encode Input
The signal quality of the encode inputs strongly affects
the A/D noise performance. The encode inputs should
be treated as analog signals—do not route them next to
digital traces on the circuit board. There are two modes
of operation for the encode inputs: the differential encode
mode (Figure 10), and the single-ended encode mode
(Figure 11).
applicaTions inForMaTion
Figure 12. Sinusoidal Encode Drive
Figure 13. PECL or LVDS Encode Drive
encode input. ENC+ can be taken above VDD (up to 3.6V)
enabling 1.8V to 3.3V CMOS logic levels to be used. The
ENC+ threshold is 0.9V. For good jitter performance ENC+
should have fast rise and fall times.
If the encode signal is turned off or drops below approxi-
mately 500kHz, the A/D enters nap mode.
Clock Duty Cycle Stabilizer
For good performance the encode signal should have a
50% (±10%) duty cycle. If the optional clock duty cycle
stabilizer circuit is enabled, the encode duty cycle can
vary from 10% to 90% and the duty cycle stabilizer will
maintain a constant 50% internal duty cycle. If the encode
signal changes frequency, the duty cycle stabilizer circuit
requires one hundred clock cycles to lock onto the input
clock. The duty cycle stabilizer is enabled by mode control
register A2 (serial programming mode), or by CS (parallel
programming mode).
Forapplicationswherethesamplerateneedstobechanged
quickly, the clock duty cycle stabilizer can be disabled. If
the duty cycle stabilizer is disabled, care should be taken
tomakethesamplingclockhavea50%(±10%)dutycycle.
The duty cycle stabilizer should not be used below 5Msps.
Figure 10. Equivalent Encode Input
Circuit for Differential Encode Mode
Figure 11. Equivalent Encode Input
Circuit for Single-Ended Encode Mode.
The differential encode mode is recommended for sinu-
soidal, PECL, or LVDS encode inputs (Figures 12, 13).
The encode inputs are internally biased to 1.2V through
10kΩ equivalent resistance. The encode inputs can be
taken above VDD (up to 3.6V), and the common mode
range is from 1.1V to 1.6V. In the differential encode
mode, ENC– should stay at least 200mV above ground to
avoid falsely triggering the single-ended encode mode.
For good jitter performance ENC+ and ENC– should have
fast rise and fall times.
The single ended encode mode should be used with
CMOS encode inputs. To select this mode, ENC– is con-
nected to ground and ENC+ is driven with a square wave
VDD
LTC2159
2159 F10
ENC–
ENC+
15k
VDD
DIFFERENTIAL
COMPARATOR
30k
30k
ENC+
ENC–
2159 F11
0V
1.8V TO 3.3V
LTC2159
CMOS LOGIC
BUFFER
50Ω
100Ω
0.1µF
0.1µF
0.1µF
T1 = MA/COM ETC1-1-13
RESISTORS AND CAPACITORS
ARE 0402 PACKAGE SIZE
50Ω
LTC2159
2159 F12
ENC–
ENC+
T1
ENC+
ENC–
PECL OR
LVDS
CLOCK
0.1µF
0.1µF
2159 F13
LTC2159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com