Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9002 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM9002
Description  16-Bit, 20Msps Low Power ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 2Page - Linear Technology LTM9002 Datasheet HTML 3Page - Linear Technology LTM9002 Datasheet HTML 4Page - Linear Technology LTM9002 Datasheet HTML 5Page - Linear Technology LTM9002 Datasheet HTML 6Page - Linear Technology LTM9002 Datasheet HTML 7Page - Linear Technology LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology LTM9002 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2159
6
2159f
DigiTal inpuTs anD ouTpuTs The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SDO OUTPUT (Serial Programming Mode. Open Drain Output. Requires 2kΩ Pull-Up Resistor if SDO is Used)
ROL
Logic Low Output Resistance to GND
VDD = 1.8V, SDO = 0V
200
Ω
IOH
Logic High Output Leakage Current
SDO = 0V to 3.6V
l
–10
10
µA
COUT
Output Capacitance
(Note 8)
3
pF
DIGITAL DATA OUTPUTS (CMOS MODES: FULL DATA RATE AND DOUBLE DATA RATE)
OVDD = 1.8V
VOH
High Level Output Voltage
IO = –500µA
l
1.750
1.790
V
VOL
Low Level Output Voltage
IO = 500µA
l
0.010
0.050
V
OVDD = 1.5V
VOH
High Level Output Voltage
IO = –500µA
1.488
V
VOL
Low Level Output Voltage
IO = 500µA
0.010
V
OVDD = 1.2V
VOH
High Level Output Voltage
IO = –500µA
1.185
V
VOL
Low Level Output Voltage
IO = 500µA
0.010
V
DIGITAL DATA OUTPUTS (LVDS MODE)
VOD
Differential Output Voltage
100Ω Differential Load, 3.5mA Mode
100Ω Differential Load, 1.75mA Mode
l
247
350
175
454
mV
mV
VOS
Common Mode Output Voltage
100Ω Differential Load, 3.5mA Mode
100Ω Differential Load, 1.75mA Mode
l
1.125
1.250
1.250
1.375
V
V
RTERM
On-Chip Termination Resistance
Termination Enabled, OVDD = 1.8V
100
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMOS Output Modes: Full Data Rate and Double Data Rate
VDD
Analog Supply Voltage
(Note 10)
l
1.7
1.8
1.9
V
OVDD
Output Supply Voltage
(Note 10)
l
1.1
1.8
1.9
V
IVDD
Analog Supply Current
DC Input
Sine Wave Input
l
24
24.4
28.5
mA
mA
IOVDD
Digital Supply Current
Sine Wave Input, OVDD =1.2V
0.8
mA
PDISS
Power Dissipation
DC Input
Sine Wave Input, OVDD =1.2V
l
43
45
51.5
mW
mW
LVDS Output Mode
VDD
Analog Supply Voltage
(Note 10)
l
1.7
1.8
1.9
V
OVDD
Output Supply Voltage
(Note 10)
l
1.7
1.8
1.9
V
IVDD
Analog Supply Current
Sine Wave Input, 1.75mA Mode
Sine Wave Input, 3.5mA Mode
l
25.8
26.7
31
mA
mA
IOVDD
Digital Supply Current
(OVDD = 1.8V)
Sine Wave Input, 1.75mA Mode
Sine Wave Input, 3.5mA Mode
l
21.1
40.9
46
mA
mA
PDISS
Power Dissipation
Sine Wave Input, 1.75mA Mode
Sine Wave Input, 3.5mA Mode
l
84
122
139
mW
mW
power requireMenTs The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com