Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1992
Description  18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1992 Datasheet HTML 3Page - Linear Technology LTC1992 Datasheet HTML 4Page - Linear Technology LTC1992 Datasheet HTML 5Page - Linear Technology LTC1992 Datasheet HTML 6Page - Linear Technology LTC1992 Datasheet HTML 7Page - Linear Technology LTC1992 Datasheet HTML 8Page - Linear Technology LTC1992 Datasheet HTML 9Page - Linear Technology LTC1992 Datasheet HTML 10Page - Linear Technology LTC1992 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2369-18
7
236918fa
SNR, SINAD vs Temperature,
fIN = 2kHz
THD, Harmonics vs Temperature,
fIN = 2kHz
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
Shutdown Current vs Temperature
CMRR vs Input Frequency
Reference Current
vs Reference Voltage
INL/DNL vs Temperature
Full-Scale Error vs Temperature
Offset Error vs Temperature
TA = 25°C, VDD = 2.5V, OVDD = 2.5V, REF = 5V,
fSMPL = 1.6Msps, unless otherwise noted.
TEMPERATURE (°C)
–55
96.0
96.5
97.0
105
236918 G10
95.5
95.0
94.0
–15
25
65
–35
125
5
45
85
94.5
98.0
97.5
SNR
SINAD
TEMPERATURE (°C)
–55
–145
–140
–130
–125
–120
–110
THD
–35
45
85
236918 G11
–135
–115
25
125
–15
5
65
105
2ND
3RD
TEMPERATURE (°C)
–55
–1.0
–0.5
0
0.5
1.0
–35 –15
5
25
236918 G12
45
65
85 105 125
MAX INL
MAX DNL
MIN DNL
MIN INL
TEMPERATURE (°C)
–55
–20
–15
–5
5
20
0
10
15
–15
25
45
125
236918 G13
–10
–35
5
65
85 105
TEMPERATURE (°C)
–55
–10
–8
0
–2
4
2
6
–15
25
45
125
236918 G14
–4
–6
–35
5
65
85 105
10
8
TEMPERATURE (°C)
–55
4
5
6
105
236918 G15
3
2
0
–15
25
65
–35
125
5
45
85
1
8
7
IVDD
IREF
IOVDD
TEMPERATURE (°C)
45
40
35
30
236918 G16
0
5
10
15
20
25
–55 –35 –15
5
25
45
65
85 105 125
IVDD + IOVDD + IREF
FREQUENCY (kHz)
0
200
100
400
300
600
500
700 800
70
85
80
75
100
95
90
236918 G17
REFERENCE VOLTAGE (V)
2.5
0
0.1
0.3
0.4
0.5
3.5
4.5
5
0.9
236918 G18
0.2
34
0.6
0.7
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com