Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1992
Description  18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1992 Datasheet HTML 16Page - Linear Technology LTC1992 Datasheet HTML 17Page - Linear Technology LTC1992 Datasheet HTML 18Page - Linear Technology LTC1992 Datasheet HTML 19Page - Linear Technology LTC1992 Datasheet HTML 20Page - Linear Technology LTC1992 Datasheet HTML 21Page - Linear Technology LTC1992 Datasheet HTML 22Page - Linear Technology LTC1992 Datasheet HTML 23Page - Linear Technology LTC1992 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC2369-18
24
236918fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2011
LT 0312 REV A • PRINTED IN USA
1
5
2
3
LTC2369-18
IN+
REF
VDD
2.5V
IN–
10nF
47μF
5.1Ω
R4
402Ω
R1
499Ω
RIN
2k
R3
2k
R2
3k
10μF
200pF
8V
5V
LT6202
V+
V–
–3V
236918 TA02
VOUT_S
VOUT_F
VIN
LTC6655-5
5V
0V
4
–
+
220pF
10V
–10V
0V
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC2379-18/LTC2378-18
LTC2377-18/LTC2376-18
18-Bit, 1.6Msps/1Msps/500ksps/250ksps Serial, Low
Power ADC
2.5V Supply, Differential Input, 101.2dB SNR, ±5V Input Range, DGC,
Pin-Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2380-16/LTC2378-16
LTC2377-16/LTC2376-16
16-Bit, 2Msps/1Msps/500ksps/250ksps Serial, Low
Power ADC
2.5V Supply, Differential Input, 96.2dB SNR, ±5V Input Range, DGC,
Pin-Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2383-16/LTC2382-16/
LTC2381-16
16-Bit, 1Msps/500ksps/250ksps Serial, Low Power
ADC
2.5V Supply, Differential Input, 92dB SNR, ±2.5V Input Range, Pin-
Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2393-16/LTC2392-16/
LTC2391-16
16-Bit, 1Msps/500ksps/250ksps Parallel/Serial ADC
5V Supply, Differential Input, 94dB SNR, ±4.096V Input Range, Pin-
Compatible Family in 7mm × 7mm LQFP-48 and QFN-48 Packages
LTC2355-14/LTC2356-14
14-Bit, 3.5Msps Serial ADC
3.3V Supply, 1-Channel, Unipolar/Bipolar, 18mW, MSOP-10 Package
LTC2366
12-Bit, 3Msps Serial ADC
2.35V to 3.6V Supply 6- and 8-Lead TSOT-23 Packages
DACS
LTC2757
18-Bit, Single Parallel IOUT SoftSpan™ DAC
±1LSB INL/DNL, Software-Selectable Ranges, 7mm × 7mm
LQFP-48 Package
LTC2641
16-Bit/14-Bit/12-Bit Single Serial VOUT DACs
±1LSB INL/DNL, MSOP-8 Package, 0V to 5V Output
LTC2630
12-Bit/10-Bit/8-Bit Single VOUT DACs
SC70 6-Pin Package, Internal Reference, ±1LSB INL (12 Bits)
References
LTC6655
Precision Low Drift Low Noise Buffered Reference
5V/2.5V, 5ppm/°C, 0.25ppm Peak-to-Peak Noise, MSOP-8 Package
LTC6652
Precision Low Drift Low Noise Buffered Reference
5V/2.5V, 5ppm/°C, 2.1ppm Peak-to-Peak Noise, MSOP-8 Package
Amplifiers
LT6202/LT6203
Single/Dual 100MHz Rail-to-Rail Input/Output Noise
Low Power Amplifiers
1.9nV√Hz, 3mA Maximum, 100MHz Gain Bandwidth
LT6200/LT6200-5/
LT6200-10
165MHz/800MHz/1.6GHz Op Amp with
Unity Gain/AV = 5/AV = 10
Low Noise Voltage: 0.95nV/√Hz (100kHz), Low Distortion: –80dB at
1MHz, TSOT23-6 Package
LTC1992
Low Power, Fully Differential Input/Output Amplifier/
Driver Family
1mA Supply Current
LT6360
Low Noise SAR ADC Driver with True Zero Output
Low Noise Integrated Charge Pump
RELATED PARTS
TYPICAL APPLICATION
LT6202 Converting a ±10V Bipolar Signal to a 0V to 5V Input Signal Into the LTC2369-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com