Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3855 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3855
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3855 Datasheet HTML 9Page - Linear Technology LTC3855 Datasheet HTML 10Page - Linear Technology LTC3855 Datasheet HTML 11Page - Linear Technology LTC3855 Datasheet HTML 12Page - Linear Technology LTC3855 Datasheet HTML 13Page - Linear Technology LTC3855 Datasheet HTML 14Page - Linear Technology LTC3855 Datasheet HTML 15Page - Linear Technology LTC3855 Datasheet HTML 16Page - Linear Technology LTC3855 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
LTC3839
13
3839fa
Characteristics Table), then the internal 5.3V LDO is en-
abled. If the EXTVCC pin is tied to an external voltage source
greater than this EXTVCC switchover voltage, then the LDO
is shut down and the internal EXTVCC switch shorts the
EXTVCC pin to the DRVCC2 pin, thereby powering DRVCC
and INTVCC with the external voltage source and helping
to increase overall efficiency and decrease internal self
heating from power dissipated in the LDO. This external
power source could be the output of the step-down con-
verter itself (if the output is programmed to higher than the
switchover voltage’s higher limit, 4.8V). The VIN pin still
needs to be powered up but now draws minimum current.
Power for most internal control circuitry other than gate
drivers is derived from the INTVCC pin. INTVCC can be
powered from the combined DRVCC pins (either directly,
or through an external RC filter to SGND to filter out noises
due to switching).
Shutdown and Start-Up
The RUN pin has an internal proportional-to-absolute-
temperature (PTAT) pull-up current source (around 2.5μA
at 25°C). Taking the RUN pin below a certain threshold
voltage (around 0.8V at 25°C) shuts down all bias of
INTVCCandDRVCCandplacestheLTC3839intomicropower
shutdown mode with a minimum IQ at the VIN pin. The
LTC3839’s DRVCC (through the internal 5.3V LDO regula-
tor or EXTVCC) and the corresponding channel’s internal
circuitry off INTVCC will be biased up when either or both
RUN pins are pulled up above the 0.8V threshold, either by
the internal pull-up current or driven directly by external
voltage source such as logic gate output.
Neither of the two channels will start switching until
the RUN pin is pulled up to 1.2V. When the RUN pin
rises above 1.2V, both channels’ TG and BG drivers are
enabled, and TRACK/SS released. An additional 10μA
temperature-independent pull-up current is connected
internally to the RUN pin. To turn off TG, BG and the ad-
ditional 10μA pull-up current, RUN needs to be pulled down
below 1.2V by about 100mV. These built-in current and
voltage hystereses prevent false jittery turn-on and turn-off
due to noise. Such features on the RUN pin allow input
undervoltage lockout (UVLO) to be set up using external
voltage divider from VIN.
The start-up of the output voltage (VOUT) is controlled by
the voltage on the TRACK/SS pin. When the voltage on the
TRACK/SS pin is less than the 0.6V internal reference, the
differential feedback voltage is regulated to the TRACK/SS
voltage instead of the 0.6V reference. The TRACK/SS
pin can be used to program the output voltage soft-start
ramp-up time by connecting an external capacitor from the
TRACK/SS pin to signal ground. An internal temperature-
independent 1μA pull-up current charges this capacitor,
creating a voltage ramp on the TRACK/SS pin. As the
TRACK/SS voltage rises linearly from ground to 0.6V, the
switching starts, VOUT ramps up smoothly to its final value
and the feedback voltage to 0.6V. TRACK/SS will keep
rising beyond 0.6V, until being clamped to around 3.7V.
Alternatively, the TRACK/SS pin can be used to track an
external supply like in a master slave configuration. Typi-
cally, this requires connecting a resistor divider from the
master supply to the TRACK/SS pin (see the Applications
Information section).
TRACK/SS is pulled low internally when the RUN pin is
pulled below the 1.2V threshold (hysteresis applies), or
when INTVCC or DRVCC drop below their undervoltage
lockout (UVLO) threshold.
Light Load Current Operation
If the MODE/PLLIN pin is tied to INTVCC or an external clock
is applied to MODE/PLLIN, the LTC3839 will be forced to
operate in continuous mode. With load current less than
one-half of the full load peak-to-peak ripple, the inductor
current valley can drop to zero or become negative. This
allows constant-frequency operation but at the cost of low
efficiency at light loads.
If the MODE/PLLIN pin is left open or connected to signal
ground, the channel will transition into discontinuous mode
operation, where a current reversal comparator (IREV)shuts
off the bottom MOSFET (MB) as the inductor current ap-
proaches zero, thus preventing negative inductor current
and improving light-load efficiency. In this mode, both
switches can remain off for extended periods of time. As
the output capacitor discharges by load current and the
output voltage droops lower, EA will eventually move the
ITH voltage above the zero current level (0.8V) to initiate
another switching cycle.
OPERATION (Refer to Functional Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com