Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3855 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3855
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3855 Datasheet HTML 17Page - Linear Technology LTC3855 Datasheet HTML 18Page - Linear Technology LTC3855 Datasheet HTML 19Page - Linear Technology LTC3855 Datasheet HTML 20Page - Linear Technology LTC3855 Datasheet HTML 21Page - Linear Technology LTC3855 Datasheet HTML 22Page - Linear Technology LTC3855 Datasheet HTML 23Page - Linear Technology LTC3855 Datasheet HTML 24Page - Linear Technology LTC3855 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
LTC3839
21
3839fa
Figure 5. DCR Current Sensing
APPLICATIONS INFORMATION
as a differential pair and Kelvin (4-wire) connected to the
sense resistor.
DCR Inductor Current Sensing
For applications requiring higher efficiency at high load
currents, the LTC3839 is capable of sensing the voltage
drop across the inductor DCR, as shown in Figure 5. The
DCR of the inductor represents the small amount of DC
winding resistance, which can be less than 1mΩ for today’s
low value, high current inductors.
In a high current application requiring such an inductor,
conduction loss through a sense resistor would cost several
points of efficiency compared to DCR sensing.
The inductor DCR is sensed by connecting an RC filter
across the inductor. This filter typically consists of one or
two resistors (R1 and R2) and one capacitor (C1) as shown
in Figure 5. If the external (R1||R2) • C1 time constant is
chosen to be exactly equal to the L/DCR time constant, the
voltage drop across the external capacitor is equal to the
voltage drop across the inductor DCR multiplied by R2/
(R1 + R2). Therefore, R2 may be used to scale the voltage
across the sense terminals when the DCR is greater than
the target sense resistance. With the ability to program
current limit through the VRNG pin, R2 may be optional. C1
is usually selected in the range of 0.01μF to 0.47μF. This
forces R1||R2 to around 2k to 4k, reducing error that might
have been caused by the SENSE pins’ input bias currents.
Resistor R1 should be placed close to the switching node,
to prevent noise from coupling into sensitive small-signal
nodes. Capacitor C1 should be placed close to the IC pins.
The first step in designing DCR current sensing is to
determine the DCR of the inductor. Where provided, use
the manufacturer’s maximum value, usually given at 25°C.
Increase this value to account for the temperature coef-
ficient of resistance, which is approximately 0.4%/°C. A
conservative value for inductor temperature TL is 100°C.
The DCR of the inductor can also be measured using a good
RLC meter, but the DCR tolerance is not always the same
and varies with temperature; consult the manufacturers’
data sheets for detailed information.
From the DCR value, VSENSE(MAX) is easily calculated as:
V
SENSE(MAX) = DCRMAX(25
°C)
•1
+ 0.4% T
L(MAX) –25°C
()
⎡
⎣
⎤
⎦
•I
OUT(MAX) –
ΔI
L
2
⎛
⎝⎜
⎞
⎠⎟
If VSENSE(MAX) iswithinthemaximumsensevoltage(30mV
to 100mV) of the LTC3839 as programmed by the VRNG
pin, then the RC filter only needs R1. If VSENSE(MAX) is
higher, then R2 may be used to scale down the maximum
sense voltage so that it falls within range.
The maximum power loss in R1 is related to duty cycle,
and will occur in continuous mode at the maximum input
voltage:
P
LOSS R1
()=
V
IN(MAX) –VOUT
()•V
OUT
R1
Ensure that R1 has a power rating higher than this value.
If high efficiency is necessary at light loads, consider this
power loss when deciding whether to use DCR sensing or
RSENSE sensing. Light load power loss can be modestly
higher with a DCR network than with a sense resistor due
to the extra switching losses incurred through R1. However,
DCR sensing eliminates a sense resistor, reduces conduc-
tion losses and provides higher efficiency at heavy loads.
Peak efficiency is about the same with either method.
R1
R2
(OPT)
DCR
L
INDUCTOR
L/DCR = (R1||R2) C1
C1 NEAR SENSE PINS
SENSE+
LTC3839
SENSE–
C1
3839 F05
VOUT
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com