Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4155 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4155
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4155 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4155 Datasheet HTML 10Page - Linear Technology LTC4155 Datasheet HTML 11Page - Linear Technology LTC4155 Datasheet HTML 12Page - Linear Technology LTC4155 Datasheet HTML 13Page - Linear Technology LTC4155 Datasheet HTML 14Page - Linear Technology LTC4155 Datasheet HTML 15Page - Linear Technology LTC4155 Datasheet HTML 16Page - Linear Technology LTC4155 Datasheet HTML 17Page - Linear Technology LTC4155 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
LTC4155
14
4155fc
PIN FUNCTIONS
PROG (Pin 18): Charge Current Program and Monitor Pin. A
resistor from PROG to GND programs the maximum battery
charge rate. The LTC4155 features I2C programmability
enabling software selection of fifteen charge currents
that are inversely proportional to a single user-supplied
programming resistor.
CHGSNS (Pins 19, 20): Battery Charger Current Sense
Pin. An internal current sense resistor between VOUT
and CHGSNS monitors battery charge current. CHGSNS
should be connected to the source of an external P-channel
MOSFET transistor.
VOUT (Pins 21, 22): Output Voltage of the Switching
PowerPath Controller and Input Voltage of the Battery
Charging System. The majority of the portable product
should be powered from VOUT. The LTC4155 will partition
the available power between the external load on VOUT and
the battery charger. Priority is given to the external load
and any extra power is used to charge the battery. An
ideal diode control function from BATSNS to VOUT ensures
that VOUT is powered even if the load exceeds the allotted
power from VBUS or if the VBUS power source is removed.
VOUT should be bypassed with a low impedance multilayer
ceramic capacitor of at least 22μF.
VBUS (Pins 23, 24, 25): Input Voltage for the PowerPath
Step-Down Switching Regulator and Output Voltage for
the USB On-The-Go Step-Up Switching Regulator. VBUS
may be connected to the USB port of a computer or a DC
output wall adapter or to one or both optional overvolt-
age protection/multiplexer compound transistors. VBUS
should be bypassed with a low impedance multilayer
ceramic capacitor.
SW (Pins 26, 27): Switching Regulator Power Transmis-
sion Pin. The SW pin delivers power from VBUS to VOUT
via the step-down switching regulator and from VOUT to
VBUS via the step-up switching regulator. A 1μH inductor
should be connected from SW to VOUT. See the Applica-
tions Information section for a discussion of current rating.
SCL (Pin 28): Clock Input for the I2C Serial Port. The
I2C input levels are scaled with respect to DVCC for I2C
compliance.
GND (Exposed Pad Pin 29): Exposed pad must be soldered
to the PCB to provide a low electrical and thermal imped-
ance connection to the printed circuit board’s ground. A
continuous ground plane on the second layer of a multilayer
printed circuit board is strongly recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com