Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4155 Datasheet(PDF) 49 Page - Linear Technology

Part # LTC4155
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4155 Datasheet(HTML) 49 Page - Linear Technology

Back Button LTC4155 Datasheet HTML 44Page - Linear Technology LTC4155 Datasheet HTML 45Page - Linear Technology LTC4155 Datasheet HTML 46Page - Linear Technology LTC4155 Datasheet HTML 47Page - Linear Technology LTC4155 Datasheet HTML 48Page - Linear Technology LTC4155 Datasheet HTML 49Page - Linear Technology LTC4155 Datasheet HTML 50Page - Linear Technology LTC4155 Datasheet HTML 51Page - Linear Technology LTC4155 Datasheet HTML 52Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
LTC4155
49
4155fc
Dual-Input Over/Undervoltage Protection with 100mA USB Default Current Limit
TYPICAL APPLICATIONS
7
R2
3.6k
R1
47k
11
8
4
3 1, 2, 28
3
10
5
6
29
12
18
4155 TA05
15
14
R8
499Ω
C1
0.047μF
9
23, 24, 25
R3 5M
R4 5M
R6 47k
R5 3.6k
MN1B
MN2B
C3 10μF
MN1A
MN2A
Q1A
Q1B
R7
1.21k
R9
100k
C2
22μF
TO
SYSTEM
LOAD
Q2A
Q2B
TO μC
TO μC
WALLSNS
SW
WALLGT
VBUS
USBGT
USBSNS
CLPROG1 CLPROG2
GND
PROG
VC
ID
NTCBIAS
16
17
MP1
BATSNS
BATGATE
19, 20
26, 27
L1
1μH
VOUTSNS
13
VOUT
21, 22
CHGSNS
LTC4155
I2C
IRQ
OVGCAP
NTC
2.4A
LIMIT
L1: COILCRAFT XFL4020-102ME
MN1, MN2: FAIRCHILD FDMC8030
MP1: VISHAY Si5481DU-T1-GE3
Q1, Q2: DIODES/ZETEX MMDT3904-7-F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com