Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3829 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3829
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3829 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3829 Datasheet HTML 17Page - Linear Technology LTC3829 Datasheet HTML 18Page - Linear Technology LTC3829 Datasheet HTML 19Page - Linear Technology LTC3829 Datasheet HTML 20Page - Linear Technology LTC3829 Datasheet HTML 21Page - Linear Technology LTC3829 Datasheet HTML 22Page - Linear Technology LTC3829 Datasheet HTML 23Page - Linear Technology LTC3829 Datasheet HTML 24Page - Linear Technology LTC3829 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
LTC3838
21
3838fa
APPLICATIONS INFORMATION
RF
R
ESL
RSENSE RESISTOR
AND
PARASITIC INDUCTANCE
CF • 2RF ≤ ESL/RS
POLE-ZERO
CANCELLATION
FILTER COMPONENTS
PLACED NEAR SENSE PINS
RF
SENSE+
LTC3838
SENSE–
CF
3838 F03a
VOUT
COUT
TO SENSE FILTER,
NEXT TO THE CONTROLLER
RSENSE
3838 F03b
Figure 3a. RSENSE Current Sensing
Figure 3b. Sense Lines Placement with Sense Resistor
RSENSE Inductor Current Sensing
The LTC3838 can be configured to sense the inductor
currents through either low value series current sensing
resistors (RSENSE) or inductor DC resistance (DCR). The
choice between the two current sensing schemes is largely
a design trade-off between cost, power consumption and
accuracy. DCR sensing is becoming popular because it
saves expensive current sensing resistors and is more
power efficient, especially in high current applications.
However, current sensing resistors provide the most ac-
curate current limits for the controller.
A typical RSENSEinductorcurrentsensingschemeisshown
in Figure 3a. The filter components (RF, CF) need to be
placed close to the IC. The positive and negative sense
traces need to be routed as a differential pair close to-
gether and Kelvin (4-wire) connected underneath the sense
resistor, as shown in Figure 3b. Sensing current elsewhere
can effectively add parasitic inductance to the current sense
element, degrading the information at the sense terminals
and making the programmed current limit unpredictable.
RSENSE is chosen based on the required maximum output
current. Given the maximum current, IOUT(MAX), maximum
sense voltage, VSENSE(MAX), set by VRNG, and maximum
inductor ripple current
∆IL(MAX), the value of RSENSE can
be chosen as:
R
SENSE =
V
SENSE(MAX)
I
OUT(MAX) –
ΔI
L(MAX)
2
Conversely, given RSENSE and IOUT(MAX), VSENSE(MAX) and
thus VRNG voltage can be determined from the above equa-
tion. To ensure the maximum output current, sufficient
margin should be built in the calculations to account for
variations of LTC3838 under different operating conditions
and tolerances of external components.
Because of possible PCB noise in the current sensing
loop, the current sensing voltage ripple
∆VSENSE = ∆IL •
RSENSE also needs to be checked in the design to get a
good signal-to-noise ratio. In general, for a reasonably
good PCB layout, 10mV of
∆VSENSE is recommended as
a conservative number to start with, either for RSENSE or
Inductor DCR sensing applications.
For today’s highest current density solutions the value
of the sense resistor can be less than 1mΩ and the
peak sense voltage can be as low as 20mV. In addition,
inductor ripple currents greater than 50% with operation
up to 2MHz are becoming more common. Under these
conditions, the voltage drop across the sense resistor’s
parasitic inductance becomes more relevant. A small RC
filter placed near the IC has been traditionally used to re-
duce the effects of capacitive and inductive noise coupled
in the sense traces on the PCB. A typical filter consists of
two series 10Ω resistors connected to a parallel 1000pF
capacitor, resulting in a time constant of 20ns.
This same RC filter, with minor modifications, can be
used to extract the resistive component of the current
sense signal in the presence of parasitic inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com