Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3829 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC3829
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3829 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC3829 Datasheet HTML 35Page - Linear Technology LTC3829 Datasheet HTML 36Page - Linear Technology LTC3829 Datasheet HTML 37Page - Linear Technology LTC3829 Datasheet HTML 38Page - Linear Technology LTC3829 Datasheet HTML 39Page - Linear Technology LTC3829 Datasheet HTML 40Page - Linear Technology LTC3829 Datasheet HTML 41Page - Linear Technology LTC3829 Datasheet HTML 42Page - Linear Technology LTC3829 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
LTC3838
39
3838fa
APPLICATIONS INFORMATION
Figure 13. Design Example: 4.5V to 26V Input, 1.2V/15A and 1.5V/15A Dual Outputs,
350kHz, DCR Sense, DTR Enabled, Step-Down Converter
100k
90.9k
82.5k
3838 F13a
0.1μF
0.1μF
0.01μF
22pF
220pF
L2
0.56μH
COUT3
100μF
2
COUT4
330μF
2
VOUT2
1.5V
15A
15k
DB2
MT2
MB2
3.57k
+
LTC3838
2.2Ω
2.2Ω
10k
15k
100k
90.9k
82.5k
115k
VIN
1μF
0.1μF
4.7μF
0.1μF
0.01μF
22pF
220pF
L1
0.56μH
COUT2
330μF
2
COUT1
100μF
2
VOUT1
1.2V
15A
VIN
4.5V TO 26V
15k
10k
10k
SENSE1–
SENSE1+
BOOST1
TG1
SW1
SENSE2+
BOOST2
TG2
SW2
DRVCC1
INTVCC
DRVCC2
EXTVCC
DB1
MT1
3.57k
SENSE2–
BG1
BG2
VFB2
PGND
VOUTSENSE1
+
VOUTSENSE1
–
PGOOD1
PGOOD2
TRACK/SS1
ITH1
DTR1
VRNG1
TRACK/SS2
ITH2
DTR2
PHASMD
MODE/PLLIN
CLKOUT
RUN2
VRNG2
SGND
RUN1
RT
PGOOD1
PGOOD2
MB1
1μF
CIN2
10μF
3
+
CIN1
220μF
+
CIN1: PANASONIC EEEFK1V221P
CIN2: TAIYO YUDEN GMK325BJ106MN-T
COUT2, COUT4: SANYO 2R5TPE330M9
COUT1, COUT3: MURATA GRM31CR60J107ME39L
DB1, DB2: CENTRAL SEMI CMDSH-4ETR
L1, L2: VISHAY IHLP4040DZERR56M01
MT1, MT2: RENESAS RJK0305DPB
MB1, MB2: RENESAS RJK0330DPB
LOAD CURRENT (A)
0.1
40
50
60
70
80
100
110
3838 F13b
90
0
0.5
1.0
1.5
2.0
3.0
2.5
EFFICIENCY
VIN = 12V
VOUT = 1.2V
FORCED CONTINUOUS MODE
DISCONTINUOUS MODE
POWER
LOSS
LOAD CURRENT (A)
0.1
40
50
60
70
80
100
110
3838 F13c
90
0
0.5
1.0
1.5
2.0
3.0
2.5
EFFICIENCY
VIN = 12V
VOUT = 1.5V
FORCED CONTINUOUS MODE
DISCONTINUOUS MODE
POWER
LOSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com