Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4089 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC4089
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC4089 Datasheet HTML 28Page - Linear Technology LTC4089 Datasheet HTML 29Page - Linear Technology LTC4089 Datasheet HTML 30Page - Linear Technology LTC4089 Datasheet HTML 31Page - Linear Technology LTC4089 Datasheet HTML 32Page - Linear Technology LTC4089 Datasheet HTML 33Page - Linear Technology LTC4089 Datasheet HTML 34Page - Linear Technology LTC4089 Datasheet HTML 35Page - Linear Technology LTC4089 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
LTC4155
32
4155fc
OPERATION
Figure 7. Battery Charger Flow Chart
Figure 8. Standard Thermistor Network
CLEAR LOW BATTERY
AND SAFETY TIMERS
NTC OUT-OF-RANGE
INDICATE NTC FAULT
CHARGE AT
CONSTANT CURRENT
PAUSE SAFETY TIMER
PAUSE SAFETY TIMER
CHARGE AT
FIXED VOLTAGE
RUN SAFETY TIMER
RUN LOW BATTERY TIMER
POWER AVAILABLE
TIMER > 30 MINUTES
SAFETY TIMER
EXPIRED
VBAT > 2.8V
VBAT < VRECHRG
IBAT < C/x
NO
NO
YES
YES
YES
YES
YES
YES
NO
NO
VBAT > VFLOAT –
VBAT < 2.8V
2.8V < VBAT < VFLOAT –
NO
NO
NO
STOP CHARGING
STOP CHARGING
INDICATE BATTERY FAULT
VBAT RISING
THROUGH VRECHRG
BAT FALLING
THROUGH VRECHRG
INDICATE CHARGING
STOPPED
INDICATE CONSTANT
VOLTAGE, I < C/x
4155 F07
NO
YES
YES
TIMER IN 8 HOUR -
C/x MODE
NO
YES
VBAT
INDICATE
CONSTANT CURRENT
INDICATE CONSTANT
VOLTAGE, I > C/x
INDICATE LOW CELL VOLTAGE
TRICKLE CHARGE (8%)
RNTC
RBIAS
LTC4155
4155 F08
NTC
NTCBIAS
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com