Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4089 Datasheet(PDF) 48 Page - Linear Technology

Part # LTC4089
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089 Datasheet(HTML) 48 Page - Linear Technology

Back Button LTC4089 Datasheet HTML 44Page - Linear Technology LTC4089 Datasheet HTML 45Page - Linear Technology LTC4089 Datasheet HTML 46Page - Linear Technology LTC4089 Datasheet HTML 47Page - Linear Technology LTC4089 Datasheet HTML 48Page - Linear Technology LTC4089 Datasheet HTML 49Page - Linear Technology LTC4089 Datasheet HTML 50Page - Linear Technology LTC4089 Datasheet HTML 51Page - Linear Technology LTC4089 Datasheet HTML 52Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
LTC4155
48
4155fc
Single Input Over/Reverse Protection, USB Default Input Current Limit and –3°C/44°C/66°C Thermistor Thresholds
7
11
8
4
3 1, 2, 28
3
10
5
6
29
12
18
4155 TA04
15
14
R5
1k
C1
0.047μF
9
23, 24, 25
R1
5M
R3 47k
R4 3.6k
MN1B
C3
10μF
MN1A
R4
1.21k
R6
11.5k
R7
1k
C2
22μF
TO
SYSTEM
LOAD
TO μC
TO μC
WALLSNS
SW
WALLGT
VBUS
USBGT
USBSNS
CLPROG1 CLPROG2
GND
PROG
VC
ID
NTCBIAS
16
17
MP1
BATSNS
BATGATE
19, 20
26, 27
L1
1μH
VOUTSNS
13
VOUT
21, 22
CHGSNS
LTC4155
I2C
IRQ
OVGCAP
NTC
Q1A
Q1B
1.2A
LIMIT
L1: COILCRAFT XFL4020-102ME
MN1: FAIRCHILD FDMC8030
MP1: VISHAY Si5481DU-T1-GE3
PACK NTC: VISHAY NTCS0402E3103FLT
Q1: DIODES/ZETEX MMDT3904-7-F
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com