Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4607
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 3Page - Linear Technology LTM4607 Datasheet HTML 4Page - Linear Technology LTM4607 Datasheet HTML 5Page - Linear Technology LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology LTM4607 Datasheet HTML 10Page - Linear Technology LTM4607 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC3780
7
3780fe
Continuous Current Mode
(CCM, VIN = 6V, VOUT = 12V)
Continuous Current Mode
(CCM, VIN = 12V, VOUT = 12V)
Continuous Current Mode
(CCM, VIN = 18V, VOUT = 12V)
Burst Mode Operation
(VIN = 6V, VOUT = 12V)
Burst Mode Operation
(VIN = 12V, VOUT = 12V)
Skip-Cycle Mode
(VIN = 18V, VOUT = 12V)
Discontinuous Current Mode
(DCM, VIN = 6V, VOUT = 12V)
Discontinuous Current Mode
(DCM, VIN = 12V, VOUT = 12V)
Discontinuous Current Mode
(DCM, VIN = 18V, VOUT = 12V)
TYPICAL PERFORMANCE CHARACTERISTICS
SW2
10V/DIV
SW1
10V/DIV
VOUT
100mV/DIV
5μs/DIV
VIN = 6V
VOUT = 12V
3780 G10
IL
2A/DIV
SW2
10V/DIV
SW1
10V/DIV
VOUT
100mV/DIV
5μs/DIV
VIN = 12V
VOUT = 12V
3780 G11
IL
2A/DIV
SW2
10V/DIV
SW1
10V/DIV
VOUT
100mV/DIV
5μs/DIV
VIN = 18V
VOUT = 12V
3780 G12
IL
2A/DIV
SW2
10V/DIV
SW1
10V/DIV
VOUT
500mV/DIV
25μs/DIV
VIN = 6V
VOUT = 12V
3780 G13
IL
2A/DIV
SW2
10V/DIV
SW1
10V/DIV
VOUT
200mV/DIV
10μs/DIV
VIN = 12V
VOUT = 12V
3780 G14
IL
2A/DIV
SW2
10V/DIV
SW1
10V/DIV
VOUT
100mV/DIV
2.5μs/DIV
VIN = 18V
VOUT = 12V
3780 G15
IL
1A/DIV
SW2
10V/DIV
SW1
10V/DIV
VOUT
100mV/DIV
5μs/DIV
VIN = 6V
VOUT = 12V
3780 G16
IL
1A/DIV
SW2
10V/DIV
SW1
10V/DIV
VOUT
100mV/DIV
5μs/DIV
VIN = 12V
VOUT = 12V
3780 G17
IL
2A/DIV
SW2
10V/DIV
SW1
10V/DIV
VOUT
100mV/DIV
2.5μs/DIV
VIN = 18V
VOUT = 12V
3780 G18
IL
1A/DIV
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com