Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4607
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 11Page - Linear Technology LTM4607 Datasheet HTML 12Page - Linear Technology LTM4607 Datasheet HTML 13Page - Linear Technology LTM4607 Datasheet HTML 14Page - Linear Technology LTM4607 Datasheet HTML 15Page - Linear Technology LTM4607 Datasheet HTML 16Page - Linear Technology LTM4607 Datasheet HTML 17Page - Linear Technology LTM4607 Datasheet HTML 18Page - Linear Technology LTM4607 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC3780
15
3780fe
OPERATION
FOLDBACK CURRENT
Foldback current limiting is activated when the output
voltage falls below 70% of its nominal level, reducing
power waste. During start-up, foldback current limiting
is disabled.
INPUT UNDERVOLTAGE RESET
The SS capacitor will be reset if the input voltage is al-
lowed to fall below approximately 4V. The SS capacitor
will attempt to charge through a normal soft-start ramp
after the input voltage rises above 4V.
OUTPUT OVERVOLTAGE PROTECTION
An overvoltage comparator guards against transient over-
shoots (>7.5%) as well as other more serious conditions
that may overvoltage the output. In this case, synchronous
switch B and synchronous switch D are turned on until the
overvoltage condition is cleared or the maximum negative
current limit is reached. When inductor current is lower
than the maximum negative current limit, synchronous
switch B and synchronous switch D are turned off, and
switch A and switch C are turned on until the inductor
current reaches another negative current limit. If the
comparator still detects an overvoltage condition, switch
A and switch C are turned off, and synchronous switch B
and synchronous switch D are turned on again.
SHORT-CIRCUIT PROTECTION AND CURRENT LIMIT
Switch A on-time is limited by output voltage. When output
voltage is reduced and is lower than its nominal level,
switch A on-time will be reduced.
In every boost mode cycle, current is limited by a voltage
reference, which is proportional to the ITH pin voltage. The
maximum sensed current is limited to 160mV. In every
buck mode cycle, the maximum sensed current is limited
to 130mV.
STANDBY MODE PIN
The STBYMD pin is a three-state input that controls circuitry
within the IC as follows: When the STBYMD pin is held at
ground, the SS pin is pulled to ground. When the pin is
left open, the internal SS current source charges the SS
capacitor, allowing turn-on of the controller and activat-
ing necessary internal biasing. When the STBYMD pin is
taken above 2V, the internal linear regulator is turned on
independent of the state on the RUN and SS pins, providing
an output power source for “wake-up” circuitry. Bypass
the pin with a small capacitor (0.1μF) to ground if the pin
is not connected to a DC potential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com