Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4099 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4099
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4099 Datasheet(HTML) 1 Page - Linear Technology

  LTC4099 Datasheet HTML 1Page - Linear Technology LTC4099 Datasheet HTML 2Page - Linear Technology LTC4099 Datasheet HTML 3Page - Linear Technology LTC4099 Datasheet HTML 4Page - Linear Technology LTC4099 Datasheet HTML 5Page - Linear Technology LTC4099 Datasheet HTML 6Page - Linear Technology LTC4099 Datasheet HTML 7Page - Linear Technology LTC4099 Datasheet HTML 8Page - Linear Technology LTC4099 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
LTC4155
1
4155fc
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual-Input Power Manager/
3.5A Li-Ion Battery Charger with
I2C Control and USB OTG
The LTC®4155 is a 15 watt I2C controlled power manager
with PowerPath™ instant-on operation, high efficiency
switching battery charging and USB compatibility. The
LTC4155 seamlessly manages power distribution from
two 5V sources, such as a USB port and a wall adapter,
to a single-cell rechargeable Lithium-Ion/Polymer battery
and a system load.
The LTC4155’s switching battery charger automatically
limits its input current for USB compatibility, or may
draw up to 3A from a high power wall adapter. The high
efficiency step-down switching charger is designed to
provide maximum power to the application and reduced
heat in high power density applications.
I2C adjustability of input current, charge current, battery
float voltage, charge termination, and many other param-
eters allows maximum flexibility. I2C status reporting of
key system and charge parameters facilitates intelligent
control decisions. USB On-The-Go support provides 5V
power back to the USB port without any additional com-
ponents. A dual-input, priority multiplexing, overvoltage
protection circuit guards the LTC4155 from high voltage
damage on the VBUS pin.
The LTC4155 is available in the low profile (0.75mm)
28-lead 4mm × 5mm QFN surface mount package.
I2C Controlled High Power Battery Charger/USB Power Manager
APPLICATIONS
n High Efficiency Charger Capable of 3.5A
Charge Current
n Monolithic Switching Regulator Makes Optimal
Use of Limited Power and Thermal Budget
n Dual-Input Overvoltage Protection Controller
n Priority Multiplexing for Multiple Inputs
n I2C/SMBus Control and Status Feedback
n NTC Thermistor ADC for Temperature Dependent
Charge Algorithms (JEITA)
n Instant-On Operation with Low Battery
n Battery Ideal Diode Controller for Power
Management
n USB On-The-Go Power Delivery to the USB Port
n Full Featured Li-Ion/Polymer Battery Charger with
Four Float Voltage Settings
n 28-Lead 4mm × 5mm QFN Package
n Tablet PCs
n Ultra Mobile PCs
n Video Media Players
n Digital Cameras, GPS, PDAs
n Smart Phones
n Portable Medical Devices
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
PowerPath and Bat-Track are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners.
VBUS
VIN
CLPROG1
CLPROG2
PROG VC
OVGCAP
IRQ
I2C
GND
3
3.6k
100k
ID
USBGT
CHGSNS
USBSNS
1.21k
499Ω
47nF
10μF
22μF
NTC
BATSNS
BATGATE
NTCBIAS
WALLGT
LTC4155
WALLSNS
VOUT
SW
TO
SYSTEM
LOAD
1μH
4155 TA01a
LOAD CURRENT (A)
0
0
10
30
40
50
100
70
1.0
2.0
2.5
4155 TA01b
20
80
90
60
0.5
1.5
3.0
3.5
VBAT = 3.9V
Switching Regulator Efficiency


Similar Part No. - LTC4099

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4099 LINER-LTC4099 Datasheet
367Kb / 36P
I2C Controlled USB Power Manager/Charger with Overvoltage Protection
LTC4099EPDC-PBF LINER-LTC4099EPDC-PBF Datasheet
367Kb / 36P
I2C Controlled USB Power Manager/Charger with Overvoltage Protection
LTC4099EPDC-TRPBF LINER-LTC4099EPDC-TRPBF Datasheet
367Kb / 36P
I2C Controlled USB Power Manager/Charger with Overvoltage Protection
LTC4099 LINER-LTC4099_15 Datasheet
546Kb / 36P
I2C Controlled USB Power Manager/Charger with Overvoltage Protection
More results

Similar Description - LTC4099

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
DUAL SEQUENCING HOT SWAP POWER MANAGER
logo
NXP Semiconductors
P82CF201 PHILIPS-P82CF201 Datasheet
83Kb / 11P
Low power, low price dual fan manager
2002 Nov 18
logo
Linear Technology
LTC4156 LINER-LTC4156_15 Datasheet
491Kb / 52P
Dual-Input Power Manager/ 3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
logo
Texas Instruments
TPS2306 TI1-TPS2306_10 Datasheet
432Kb / 29P
DUAL SEQUENCING HOT SWAP POWER MANAGER
logo
Active-Semi, Inc
ACT2803 ACTIVE-SEMI-ACT2803_16 Datasheet
523Kb / 22P
5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2804 ACTIVE-SEMI-ACT2804_17 Datasheet
558Kb / 23P
5V/3.4A Dual Cell Battery Power Manager
Rev 3, Apr-17-2017
logo
Linear Technology
LTC4156EUFD LINER-LTC4156EUFD Datasheet
508Kb / 8P
Dual Input Power Manager/3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com