Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4099 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC4099
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4099 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC4099 Datasheet HTML 29Page - Linear Technology LTC4099 Datasheet HTML 30Page - Linear Technology LTC4099 Datasheet HTML 31Page - Linear Technology LTC4099 Datasheet HTML 32Page - Linear Technology LTC4099 Datasheet HTML 33Page - Linear Technology LTC4099 Datasheet HTML 34Page - Linear Technology LTC4099 Datasheet HTML 35Page - Linear Technology LTC4099 Datasheet HTML 36Page - Linear Technology LTC4099 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
LTC4155
33
4155fc
thermistor current, and its associated battery drain by a
factor of 2000 from its DC value. A typical network using
a 10k thermistor causes 115nA of battery drain. A 100k
thermistor would reduce this drain to 11.5nA.
To improve measurement resolution over the temperature
range of interest, the full-scale range of the analog-to-
digital converter is restricted to the range 0.113 to 0.895
NTCBIAS. The NTC ADC result can be interpreted as follows:
αT ≡
rT
r25
= κSPAN
•NTCVAL
+κOFFSET
1
−κSPAN •NTCVAL – κOFFSET
where NTCVAL is the decimal representation of the
NTCVAL[6:0] status report in the range [0-127], ADC con-
stant κSPAN = 0.006162, ADC constant κOFFSET = 0.1127,
rT is the resistance of the thermistor at temperature T,
and αT is the resistance ratio of the thermistor at the two
temperatures T and 25°C.
Thermistor manufacturer data sheets will either provide a
temperature lookup table relating αT to T, or will supply a
curve fit parameter β which can be used with the follow-
ing equations to determine the thermistor temperature:
T
=
β
ln (
αΤ)+
β
T0
T
=
β
ln
κSPAN •NTCVAL +κOFFSET
1
−κSPAN •NTCVAL – κOFFSET
⎛
⎝
⎜
⎞
⎠
⎟ +
β
T0
where:
T = Temperature result expressed in Kelvin
T0 = Thermistor model nominal temperature, expressed
in Kelvin. Typically 298.15K (25°C + 273.15°C)
β = Thermistor model material constant, expressed in
Kelvin.
In addition to thermistor value reporting, the LTC4155
automatically pauses battery charging if the thermistor
reading falls outside of limits corresponding to the
range 0°C to 40°C for a Vishay curve 2 thermistor. The
NTC_TOO_COLD and NTC_TOO_WARM conditions
are encoded in the I2C status report NTCSTAT[1:0].
CHARGER_STATUS[2:0] will also report temperature
warnings and faults when the battery charger is enabled.
See Table 14 and Table 17. Optionally, a charger status
interrupt request may be generated when the thermistor
reading enters or exits this temperature range.
If the temperature reading is above a limit corresponding
to 60°C for a Vishay curve 2 thermistor, an optional
NTC_HOT_FAULT interrupt may be generated. In addition,
the overtemperature battery conditioner may be enabled
by I2C to minimize the time that the battery is exposed
simultaneously to high temperature and high voltage.
Refer to the Overtemperature Battery Conditioner section
for more detail.
The NTC_TOO_COLD temperature indication is triggered
when NTCVAL rises to decimal result 102. This corre-
sponds to a αCOLD,WARNING = 2.86 and 0°C for a Vishay
curve 2 thermistor. The low temperature indication is
cleared when the NTCVAL falls to decimal result 98. This
corresponds to αCOLD,RESET = 2.53 and 2°C for a Vishay
curve 2 thermistor.
The NTC_TOO_WARM temperature indication is triggered
when NTCVAL falls to decimal result 41. This corresponds
to αWARM,WARNING = 0.576 and 40°C for a Vishay curve 2
thermistor. The high temperature indication is cleared
when NTCVAL rises to decimal result 45. This corresponds
to αWARM,RESET = 0.639 and 37°C for a Vishay curve 2
thermistor.
The NTC_HOT_FAULT temperature indication is triggered
when NTCVAL falls to decimal result 19. This corre-
sponds to αCRITICAL,FAULT = 0.298 and 60°C for a Vishay
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com